Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62208DBVRG4 Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TPS62208DBVRG4
Descripción Electrónicos  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62208DBVRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62208DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 15Page - Texas Instruments TPS62208DBVRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTABLE OUTPUT VOLTAGE VERSION
Vout + 0.5 V
1 )
R1
R2
C1 +
1
2
p
10 kHz
R1
C2 +
R1
R2
C1
VI
GND
EN
SW
FB
C3
4.7
µF
L1
10
µH
C4
10
µF
TPS62200
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
R1
470k
R2
180k
C1
33 pF
C2
100 pF
INDUCTOR SELECTION
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
When the adjustable output voltage version TPS62200 is used, the output voltage is set by the external resistor
divider. See Figure 16.
The output voltage is calculated as
R1 + R2
≤ 1 MΩ and internal reference voltage V(ref)typ = 0.5 V
R1 + R2 should not be greater than 1 M
Ω for reasons of stability. To keep the operating quiescent current to a
minimum, the feedback resistor divider should have high impedance with R1+R2
≤ 1 MΩ. Because of the high
impedance and the low reference voltage of Vref = 0.5 V, the noise on the feedback pin (FB) needs to be
minimized. Using a capacitive divider C1 and C2 across the feedback resistors minimizes the noise at the
feedback without degrading the line or load transient performance.
C1 and C2 should be selected as
R1 = upper resistor of voltage divider
C1 = upper capacitor of voltage divider
For C1 a value should be chosen that comes closest to the calculated result.
R2 = lower resistor of voltage divider
C2 = lower capacitor of voltage divider
For C2 the selected capacitor value should always be selected larger than the calculated result. For example, in
Figure 16 for C2, 100 pF are selected for a calculated result of C2 = 86.17 pF.
If quiescent current is not a key design parameter, C1 and C2 can be omitted, and a low-impedance feedback
divider must be used with R1+R2 <100 k
Ω. This design reduces the noise available on the feedback pin (FB) as
well, but increases the overall quiescent current during operation.
Figure 16. Typical Application Circuit for the Adjustable Output Voltage
The TPS6220x device is optimized to operate with a typical inductor value of 10 µH.
For high efficiencies, the inductor should have a low dc resistance to minimize conduction losses. Although the
inductor core material has less effect on efficiency than its dc resistance, an appropriate inductor core material
must be used.
12
Submit Documentation Feedback


Número de pieza similar - TPS62208DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62208DBV TI-TPS62208DBV Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Descripción similar - TPS62208DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com