Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP5024 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADP5024
Descripción Electrónicos  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP5024 Datasheet(HTML) 3 Page - Analog Devices

  ADP5024 Datasheet HTML 1Page - Analog Devices ADP5024 Datasheet HTML 2Page - Analog Devices ADP5024 Datasheet HTML 3Page - Analog Devices ADP5024 Datasheet HTML 4Page - Analog Devices ADP5024 Datasheet HTML 5Page - Analog Devices ADP5024 Datasheet HTML 6Page - Analog Devices ADP5024 Datasheet HTML 7Page - Analog Devices ADP5024 Datasheet HTML 8Page - Analog Devices ADP5024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP5037
Rev. D | Page 3 of 28
SPECIFICATIONS
GENERAL SPECIFICATIONS
VAVIN = VIN1 = VIN2 = 2.3 V to 5.5 V; VIN3 = VIN4 = 1.7 V to 5.5 V; TJ = −40°C to +125°C for minimum/maximum specifications, and TA =
25°C for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VAVIN, VIN1, VIN2
2.3
5.5
V
THERMAL SHUTDOWN
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD-HYS
20
°C
START-UP TIME1
BUCK1, LDO1, LDO2
tSTART1
250
µs
BUCK2
tSTART2
300
µs
EN1, EN2, EN3, EN4, MODE INPUTS
Input Logic High
VIH
1.1
V
Input Logic Low
VIL
0.4
V
Input Leakage Current
VI-LEAKAGE
0.05
1
µA
INPUT CURRENT
All Channels Enabled
ISTBY-NOSW
No load, no buck switching
108
175
µA
All Channels Disabled
ISHUTDOWN
TJ = −40°C to +85°C
0.3
1
µA
VIN1 UNDERVOLTAGE LOCKOUT
High UVLO Input Voltage Rising
UVLOVIN1RISE
3.9
V
High UVLO Input Voltage Falling
UVLOVIN1FALL
3.1
V
Low UVLO Input Voltage Rising
UVLOVIN1RISE
2.275
V
Low UVLO Input Voltage Falling
UVLOVIN1FALL
1.95
V
1
Start-up time is defined as the time from EN1 = EN2 = EN3 = EN4 from 0 V to VAVIN to VOUT1, VOUT2, VOUT3, and VOUT4 reaching 90% of their nominal level. Start-up
times are shorter for individual channels if another channel is already enabled. See the Typical Performance Characteristics section for more information.


Número de pieza similar - ADP5024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ADP5024 AD-ADP5024 Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5024 AD-ADP5024 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
ADP5024 AD-ADP5024 Datasheet
758Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
ADP5024ACPZ-1-R7 AD-ADP5024ACPZ-1-R7 Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
More results

Descripción similar - ADP5024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
   Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com