Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST12LF09-Q3CE-K Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza SST12LF09-Q3CE-K
Descripción Electrónicos  2.4 GHz High-Gain, High-Efficiency Front-end Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09-Q3CE-K Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST12LF09-Q3CE-K Datasheet HTML 5Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 6Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 7Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 8Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 9Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 10Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 11Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 12Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
 2013 Microchip Technology Inc.
DS75083A-page 9
SST12LF09
Receiver
Test Conditions: VCC = 3.6V, LEN = 3.3V, CRX = 3.3V, PEN = 0V, CBT = 0V,
TA = 25°C, unless otherwise specified
FIGURE 6-7:
RECEIVER S-PARAMETER
FIGURE 6-8:
RECEIVER NOISE FIGURE
-40
-30
-20
-10
0
10
20
0123456789
10
Frequency, GHz
S11
S21
S12
S21
75083 F7.0
75083 F5.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.4
2.45
2.5
Frequency, GHz


Número de pieza similar - SST12LF09-Q3CE-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST12LF09-Q3CE-K MICROCHIP-SST12LF09-Q3CE-K Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
More results

Descripción similar - SST12LF09-Q3CE-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
SiGe Semiconductor, Inc...
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
   High Power 2.4 GHz 802.15.4 Front End Module
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com