Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6930A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS6930A
Descripción Electrónicos  Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6930A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6930A Datasheet HTML 1Page - Fairchild Semiconductor FDS6930A Datasheet HTML 2Page - Fairchild Semiconductor FDS6930A Datasheet HTML 3Page - Fairchild Semiconductor FDS6930A Datasheet HTML 4Page - Fairchild Semiconductor FDS6930A Datasheet HTML 5Page - Fairchild Semiconductor FDS6930A Datasheet HTML 6Page - Fairchild Semiconductor FDS6930A Datasheet HTML 7Page - Fairchild Semiconductor FDS6930A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
(T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, I D = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
20
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.5
3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
-4
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 5.5 A
0.032
0.04
T
J =125°C
0.048
0.068
V
GS = 4.5 V, ID = 4.8 A
0.044
0.055
I
D(ON)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
20
A
g
FS
Forward Transconductance
V
DS = 15 V, ID = 5.5 A
12
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
f = 1.0 MHz
460
pF
C
oss
Output Capacitance
115
pF
C
rss
Reverse Transfer Capacitance
45
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DS = 15 V, ID = 1 A
5
11
ns
t
r
Turn - On Rise Time
V
GS = 10 V , RGEN = 6 Ω
8
17
ns
t
D(off)
Turn - Off Delay Time
17
28
ns
t
f
Turn - Off Fall Time
13
24
ns
Q
g
Total Gate Charge
V
DS = 5 V, ID = 5.5 A,
5
7
nC
Q
gs
Gate-Source Charge
V
GS = 5 V
2
nC
Q
gd
Gate-Drain Charge
0.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.3 A
(Note 2)
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDS6930A Rev.D
c. 135
OC/W on a 0.003 in2
pad of 2oz copper.
b. 125
OC/W on a 0.02 in2
pad of 2oz copper.
a. 78
OC/W on a 0.5 in2
pad of 2oz copper.


Número de pieza similar - FDS6930A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
More results

Descripción similar - FDS6930A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC6561AN FAIRCHILD-FDC6561AN Datasheet
256Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6961A FAIRCHILD-FDS6961A Datasheet
241Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com