Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6982 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS6982
Descripción Electrónicos  Dual N-Channel, Notebook Power Supply MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6982 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS6982 Datasheet HTML 1Page - Fairchild Semiconductor FDS6982 Datasheet HTML 2Page - Fairchild Semiconductor FDS6982 Datasheet HTML 3Page - Fairchild Semiconductor FDS6982 Datasheet HTML 4Page - Fairchild Semiconductor FDS6982 Datasheet HTML 5Page - Fairchild Semiconductor FDS6982 Datasheet HTML 6Page - Fairchild Semiconductor FDS6982 Datasheet HTML 7Page - Fairchild Semiconductor FDS6982 Datasheet HTML 8Page - Fairchild Semiconductor FDS6982 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDS6982, Rev. C
Electrical Characteristics (continued)
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ
Max Units
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
Q2
Q1
15
10
27
18
ns
tr
Turn-On Rise Time
Q2
Q1
11
14
20
25
ns
td(off)
Turn-Off Delay Time
Q2
Q1
36
21
58
34
ns
tf
Turn-Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 10V, RGEN = 6
Q2
Q1
18
7
29
14
ns
Qg
Total Gate Charge
Q2
Q1
18.5
8.5
26
12
nC
Qgs
Gate-Source Charge
Q2
Q1
7.3
2.4
nC
Qgd
Gate-Drain Charge
Q2
VDS = 15 V, ID = 8.6 A, VGS = 5 V
Q1
VDS = 15 V, ID = 6.3 A,VGS = 5 V
Q2
Q1
6.2
3.1
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
Q2
Q1
1.3
1.3
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 1.3 A (Note 2)
VGS = 0 V, IS = 1.3 A (Note 2)
Q2
Q1
0.72
0.74
1.2
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθJAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 78
° C/W when
mounted on a 0.5 in2
pad of 2 oz. copper.
b) 125
° C/W when
mounted on a 0.02 in2
pad of 2 oz. copper.
c) 135
° C/W when
mounted on a 0.003 in2
pad of 2 oz. copper.


Número de pieza similar - FDS6982

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Descripción similar - FDS6982

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com