Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG408BR-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG408BR-REEL
Descripción Electrónicos  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG408BR-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG408BR-REEL Datasheet HTML 5Page - Analog Devices ADG408BR-REEL Datasheet HTML 6Page - Analog Devices ADG408BR-REEL Datasheet HTML 7Page - Analog Devices ADG408BR-REEL Datasheet HTML 8Page - Analog Devices ADG408BR-REEL Datasheet HTML 9Page - Analog Devices ADG408BR-REEL Datasheet HTML 10Page - Analog Devices ADG408BR-REEL Datasheet HTML 11Page - Analog Devices ADG408BR-REEL Datasheet HTML 12Page - Analog Devices ADG408BR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG408/ADG409
Rev. C | Page 9 of 16
120
20
60
40
100
80
VIN (V)
VDD = +15V
VSS = –15V
tTRANSITION
tOFF (EN)
tON (EN)
13
57
9
11
13
15
Figure 10. Switching Time vs. VIN (Bipolar Supply)
400
0
200
100
300
VIN =5V
57
9
11
13
1
VSUPPLY (V)
5
tTRANSITION
tON (EN)
tOFF (EN)
Figure 11. Switching Time vs. Single Supply
FREQUENCY (Hz)
100
1k
10k
VDD = +15V
VSS = –15V
EN = 2.4V
EN = 0V
10
100
1k
10k
100k
1M
10M
Figure 12. Positive Supply Current vs. Switching Frequency
140
40
100
60
120
80
VIN (V)
VDD =12V
VSS =0V
13
57
9
11
13
tOFF (EN)
tON (EN)
tTRANSITION
Figure 13. Switching Time vs. VIN (Single Supply)
300
0
±5
±15
±7
±9
±11
±13
200
100
VIN =5V
VSUPPLY (V)
tTRANSITION
tON (EN)
tOFF (EN)
Figure 14. Switching Time vs. Bipolar Supply
EN = 0V
EN = 2.4V
VDD = +15V
VSS =–15V
FREQUENCY (Hz)
10k
1k
100
10
0
–10
10
100
1k
10k
100k
1M
10M
Figure 15. Negative Supply Current vs. Switching Frequency


Número de pieza similar - ADG408BR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG408BR-REEL AD-ADG408BR-REEL Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408BR-REEL7 AD-ADG408BR-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Descripción similar - ADG408BR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com