Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG409BRU-REEL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG409BRU-REEL
Descripción Electrónicos  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG409BRU-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG409BRU-REEL Datasheet HTML 7Page - Analog Devices ADG409BRU-REEL Datasheet HTML 8Page - Analog Devices ADG409BRU-REEL Datasheet HTML 9Page - Analog Devices ADG409BRU-REEL Datasheet HTML 10Page - Analog Devices ADG409BRU-REEL Datasheet HTML 11Page - Analog Devices ADG409BRU-REEL Datasheet HTML 12Page - Analog Devices ADG409BRU-REEL Datasheet HTML 13Page - Analog Devices ADG409BRU-REEL Datasheet HTML 14Page - Analog Devices ADG409BRU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG408/ADG409
Rev. C | Page 11 of 16
TEST CIRCUITS
RON =V1/IDS
VS
SD
V1
IDS
Figure 18. On Resistance
S1
D
S2
S8
A
EN
GND
0.8V
IS (OFF)
VS
VD
VDD
VSS
VDD
VSS
Figure 19. IS (OFF)
ID (OFF)
S1
D
S2
S8
A
EN
GND
0.8V
VS
VD
VSS
VDD
VSS
VDD
Figure 20. ID (OFF)
S1
D
S8
A
EN
GND
2.4V
ID (ON)
VD
VS
VDD
VSS
VDD
VSS
Figure 21. ID (ON)
3V
0V
OUTPUT
tr < 20ns
tf < 20ns
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
50%
50%
90%
90%
OUTPUT
ADG4081
A0
A1
A2
50Ω
300Ω
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
VS1
VS8
1SIMILAR CONNECTION FOR ADG409.
Figure 22. Switching Time of Multiplexer, tTRANSlTlON
OUTPUT
ADG4081
A0
A1
A2
50Ω
300Ω
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR ADG409.
3V
0V
OUTPUT
80%
80%
ADDRESS
DRIVE (VIN)
tOPEN
Figure 23. Break-Before-Make Delay, tOPEN


Número de pieza similar - ADG409BRU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG409BRUZ AD-ADG409BRUZ Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG409BRUZ-REEL7 AD-ADG409BRUZ-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Descripción similar - ADG409BRU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com