Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD660SQ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD660SQ
Descripción Electrónicos  Monolithic 16-Bit Serial/Byte DACPORT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD660SQ Datasheet(HTML) 5 Page - Analog Devices

  AD660SQ Datasheet HTML 1Page - Analog Devices AD660SQ Datasheet HTML 2Page - Analog Devices AD660SQ Datasheet HTML 3Page - Analog Devices AD660SQ Datasheet HTML 4Page - Analog Devices AD660SQ Datasheet HTML 5Page - Analog Devices AD660SQ Datasheet HTML 6Page - Analog Devices AD660SQ Datasheet HTML 7Page - Analog Devices AD660SQ Datasheet HTML 8Page - Analog Devices AD660SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD660
Rev. B | Page 5 of 20
TIMING CHARACTERISTICS
+VCC = 15 V, −VEE = −15 V, +VLL = 5 V, VHIGH = 2.4 V, VLOW = 0.4 V.
Table 3.
Parameter
Limit at TA = 25°C
Limit at TA = −55°C to +125°C
Unit
BYTE LOAD (see Figure 2)
t
CS
40
50
ns min
tDS
40
50
ns min
tDH
0
10
ns min
t
BES
40
50
ns min
t
BEH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
SERIAL LOAD (see Figure 3)
tCLK
80
100
ns min
tLOW
30
50
ns min
tHIGH
30
50
ns min
tSS
0
10
ns min
tDS
40
50
ns min
tDH
0
10
ns min
tSH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
ASYNCHRONOUS CLEAR TO BIPOLAR
OR UNIPOLAR ZERO (see Figure 4)
t
CLR
80
110
ns min
tSET
80
110
ns min
tHOLD
0
10
ns min
SERIAL OUT (see Figure 5)
tPROP
50
100
ns min
tDS
50
80
ns min
tDS
tDH
tLH
tLW
tBEH
tBES
tCS
DB0 TO DB7
HBE OR LBE
CS
LDAC
Figure 2. AD660 Byte Load Timing


Número de pieza similar - AD660SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD660SQ AD-AD660SQ Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660SQ AD-AD660SQ Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD660SQ/883B AD-AD660SQ/883B Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660SQ/883B AD-AD660SQ/883B Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
More results

Descripción similar - AD660SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD760 AD-AD760_15 Datasheet
327Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com