Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1263-2.5VOA Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza TC1263-2.5VOA
Descripción Electrónicos  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-2.5VOA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1263-2.5VOA Datasheet HTML 4Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 5Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 6Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 7Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 8Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 9Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 10Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 11Page - Microchip Technology TC1263-2.5VOA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1263
DS21374D-page 8
 2002-2012 Microchip Technology Inc.
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when the die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
5.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage and out-
put current. The following equation is used to calculate
worst-case actual power dissipation:
EQUATION 5-1:
The
maximum
allowable
power
dissipation
(Equation 5-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
JA).
EQUATION 5-2:
Table 5-1 and Table 5-2 show various values of
JA for
the TC1263 package types.
TABLE 5-1:
THERMAL RESISTANCE
GUIDELINES FOR TC1263 IN
8-PIN SOIC PACKAGE
TABLE 5-2:
THERMAL RESISTANCE
GUIDELINES FOR TC1263 IN
5-PIN DDPAK/TO-220
PACKAGE
Equation 5-1
can
be
used
in
conjunction
with
Equation 5-2 to ensure regulator thermal operation is
within limits. For example:
Find:
1.
Actual power dissipation
2.
Maximum allowable dissipation
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC1263 dissipates a maximum of
260 mW below the allowable limit of 500 mW. In a
similar manner, Equation 5-1 and Equation 5-2 can be
used to calculate maximum current and/or input
voltage limits. For example, the maximum allowable
VIN is found by substituting the maximum allowable
power dissipation of 500 mW into Equation 5-1, from
which VINMAX = 4.6V.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance

JA)
2500 sq mm
2500 sq mm 2500 sq mm
60°C/W
1000 sq mm
2500 sq mm 2500 sq mm
60°C/W
225 sq mm
2500 sq mm 2500 sq mm
68°C/W
100 sq mm
2500 sq mm 2500 sq mm
74°C/W
* Pin 2 is ground. Device is mounted on top-side.
Where:
VINMAX
VOUTMIN
ILOADMAX
PD = Worst-case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
P
D
V
IN MAX
V
OUTMIN
I
LOA DMAX
=
Where:
VINMAX
VOUTMIN
ILOADMAX
PD = Worst-case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
P
DMAX
T
JMAX
T
AMAX
JA
---------------------------------------
=
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance

JA)
2500 sq mm
2500 sq mm 2500 sq mm
25°C/W
1000 sq mm
2500 sq mm 2500 sq mm
27°C/W
125 sq mm
2500 sq mm 2500 sq mm
35°C/W
* Tab of device attached to top-side copper
Given:
VINMAX
=3.3V ± 10%
VOUTMIN
=2.7V ± 0.5%
ILOADMAX
=275 mA
TJMAX
=125°C
TAMAX
=95°C
JA
=
60° C/W (SOIC)
P
D
V
INMAX
V
OUTMIN
I
LOADMAX
P
D
3.3
1.1

2.7
.995

275
10
3
=
P
D
260 mW
=
P
DMAX
T
JMAX
T
AMAX
JA
---------------------------------------
=
P
DMAX
125
95

60
-------------------------
=
P
DMAX
500 mW
=


Número de pieza similar - TC1263-2.5VOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1263-2.5VOA MICROCHIP-TC1263-2.5VOA Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.5VOATR MICROCHIP-TC1263-2.5VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

Descripción similar - TC1263-2.5VOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com