Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5241BR1M Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD5241BR1M
Descripción Electrónicos  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5241BR1M Datasheet(HTML) 3 Page - Analog Devices

  AD5241BR1M Datasheet HTML 1Page - Analog Devices AD5241BR1M Datasheet HTML 2Page - Analog Devices AD5241BR1M Datasheet HTML 3Page - Analog Devices AD5241BR1M Datasheet HTML 4Page - Analog Devices AD5241BR1M Datasheet HTML 5Page - Analog Devices AD5241BR1M Datasheet HTML 6Page - Analog Devices AD5241BR1M Datasheet HTML 7Page - Analog Devices AD5241BR1M Datasheet HTML 8Page - Analog Devices AD5241BR1M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5241/AD5242
Rev. C | Page 3 of 20
SPECIFICATIONS
10 kΩ, 100 kΩ, 1 MΩ VERSION
VDD = 2.7 V to 5.5 V, VA = VDD, VB = 0 V, −40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS, RHEOSTAT MODE
(SPECIFICATIONS APPLY TO ALL VRs)
Resolution
N
8
Bits
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±0.4
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−2
±0.5
+2
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
TA = 25°C, RAB = 10 kΩ
−30
+30
%
TA = 25°C,
RAB = 100 kΩ/1 MΩ
−30
+50
%
Resistance Temperature Coefficient
(ΔRAB/RAB)/
ΔT × 106
VAB = VDD, wiper =
no connect
30
ppm/°C
Wiper Resistance
RW
IW = VDD/R
60
120
Ω
DC CHARACTERISTICS, POTENTIOMETER DIVIDER
MODE (SPECIFICATIONS APPLY TO ALL VRs)
Resolution
N
8
Bits
Differential Nonlinearity3
DNL
−1
±0.4
+1
LSB
Integral Nonlinearity3
INL
−2
±0.5
+2
LSB
Voltage Divider Temperature Coefficient
(ΔVW/VW)/∆T × 106
Code = 0x80
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−1
−0.5
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
0.5
1
LSB
RESISTOR TERMINALS
Voltage Range4
VA, VB, VW
VSS
VDD
V
Capacitance (A, B)5
CA, CB
f = 1 MHz, measured
to GND, code = 0x80
45
pF
Capacitance (W)5
CW
f = 1 MHz, measured
to GND, code = 0x80
60
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
DIGITAL INPUTS
Input Logic High (SDA and SCL)
VIH
0.7 × VDD
VDD + 0.5 V
V
Input Logic Low (SDA and SCL)
VIL
−0.5
+0.3 × VDD
V
Input Logic High (AD0 and AD1)
VIH
VDD = 5 V
2.4
VDD
V
Input Logic Low (AD0 and AD1)
VIL
VDD = 5 V
0
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
VDD
V
Input Logic Low
VIL
VDD = 3 V
0
0.6
V
Input Current
IIL
VIH = 5 V or VIL = GND
1
μA
Input Capacitance5
CIL
3
pF
DIGITAL OUTPUT
VOL
IOL = 3 mA
0.4
V
Output Logic Low (SDA)
VOL
IOL = 6 mA
0.6
V
Output Logic Low (O1 and O2)
VOL
ISINK = 1.6 mA
0.4
V
Output Logic High (O1 and O2)
VOH
ISOURCE = 40 μA
4
V
Three-State Leakage Current (SDA)
IOZ
VIH = 5 V or VIL = GND
±1
μA
Output Capacitance5
COZ
3
8
pF
POWER SUPPLIES
Power Single-Supply Range
VDD RANGE
VSS = 0 V
2.7
5.5
V
Power Dual-Supply Range
VDD/VSSRANGE
±2.3
±2.7
V
Positive Supply Current
IDD
VIH = 5 V or VIL = GND
0.1
50
μA
Negative Supply Current
ISS
VSS = −2.5 V, VDD = +2.5 V
+0.1
−50
μA
Power Dissipation6
PDISS
VIH = 5 V or VIL = GND,
VDD = 5 V
0.5
250
μW
Power Supply Sensitivity
PSS
−0.01
+0.002
+0.01
%/%


Número de pieza similar - AD5241BR1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5241BR1M AD-AD5241BR1M Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

Descripción similar - AD5241BR1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com