Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5331BRU-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5331BRU-REEL
Descripción Electrónicos  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5331BRU-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5331BRU-REEL Datasheet HTML 5Page - Analog Devices AD5331BRU-REEL Datasheet HTML 6Page - Analog Devices AD5331BRU-REEL Datasheet HTML 7Page - Analog Devices AD5331BRU-REEL Datasheet HTML 8Page - Analog Devices AD5331BRU-REEL Datasheet HTML 9Page - Analog Devices AD5331BRU-REEL Datasheet HTML 10Page - Analog Devices AD5331BRU-REEL Datasheet HTML 11Page - Analog Devices AD5331BRU-REEL Datasheet HTML 12Page - Analog Devices AD5331BRU-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 9 of 28
BUFFER
12-BIT
DAC
DAC
REGISTER
INPUT
REGISTER
POWER-DOWN
LOGIC
CS
WR
CLR
LDAC
VREF
VDD
VOUT
PD
GND
AD5340
POWER-ON
RESET
RESET
12
11
9
8
4
14
5
13
7
DB10
DB9
DB0
..
15
24
1
DB11 2
BUF 3
GAIN 10
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DB10
PD
VDD
DB0
DB1
DB2
DB7
DB6
DB3
DB4
DB5
12-BIT
AD5340
TOP VIEW
(Not to Scale)
DB8
DB9
DB11
LDAC
GND
BUF
VOUT
NC
VREF
CS
WR
GAIN
CLR
Figure 7. AD5340 Functional Block Diagram
Figure 8. AD5340 Pin Configuration
Table 7. AD5340 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DB10
Parallel Data Input.
2
DB11
Most Significant Bit of Parallel Data Input.
3
BUF
Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered.
4
VREF
Reference Input.
5
VOUT
Output of DAC. Buffered output with rail-to-rail operation.
6
NC
No Connect.
7
GND
Ground reference point for all circuitry on the part.
8
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
9
WR
Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface.
10
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0 V to VREF or 0 V to 2 × VREF.
11
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zero.
12
LDAC
Active low control input that updates the DAC registers with the contents of the input registers.
13
PD
Power-Down Pin. This active low control pin puts the DAC into power-down mode.
14
VDD
Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
15 to 24
DB0 to DB9
Ten Parallel Data Inputs.


Número de pieza similar - AD5331BRU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5331BRU AD-AD5331BRU Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Descripción similar - AD5331BRU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5333BRUZ AD-AD5333BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com