Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4627MJA Datasheet(PDF) 11 Page - Microchip Technology

No. de pieza TC4627MJA
Descripción Electrónicos  Power CMOS Drivers With Voltage Tripler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627MJA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC4627MJA Datasheet HTML 7Page - Microchip Technology TC4627MJA Datasheet HTML 8Page - Microchip Technology TC4627MJA Datasheet HTML 9Page - Microchip Technology TC4627MJA Datasheet HTML 10Page - Microchip Technology TC4627MJA Datasheet HTML 11Page - Microchip Technology TC4627MJA Datasheet HTML 12Page - Microchip Technology TC4627MJA Datasheet HTML 13Page - Microchip Technology TC4627MJA Datasheet HTML 14Page - Microchip Technology TC4627MJA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21426C-page 11
TC4626/TC4627
Package Dimensions (Continued)
.400 (10.16)
.370 (9.40)
.300 (7.62)
.230 (5.84)
.065 (1.65)
.045 (1.14)
.055 (1.40) MAX.
.020 (0.51) MIN.
PIN 1
.200 (5.08)
.160 (4.06)
.200 (5.08)
.125 (3.18)
.110 (2.79)
.090 (2.29)
.020 (0.51)
.016 (0.41)
.040 (1.02)
.020 (0.51)
.320 (8.13)
.290 (7.37)
.150 (3.81)
MIN.
3
° MIN.
8-Pin CDIP (Narrow)
.015 (0.38)
.008 (0.20)
.400 (10.16)
.320 (8.13)
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


Número de pieza similar - TC4627MJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC4627MJA TELCOM-TC4627MJA Datasheet
75Kb / 7P
   POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
logo
Microchip Technology
TC4627MJA MICROCHIP-TC4627MJA Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
More results

Descripción similar - TC4627MJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
logo
TelCom Semiconductor, I...
TC4626 TELCOM-TC4626 Datasheet
75Kb / 7P
   POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
logo
New Japan Radio
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
   VOLTAGE TRIPLER
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
   Daubler Tripler Quintapler
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Texas Instruments
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
   VIDEO SUB-CARRIER SIGNAL TRIPLER
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
   11-33 GHz Tripler MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com