Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG333ABRS Datasheet(PDF) 8 Page - Analog Devices |
|
ADG333ABRS Datasheet(HTML) 8 Page - Analog Devices |
8 / 12 page ADG333A Rev. A | Page 8 of 12 TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C VDD = +5V VSS = –5V VDD = +10V VSS = –10V VDD = +15V VSS = –15V VDD, VS (V) 60 50 40 30 10 20 –15 –10 0 –5 5 10 15 Figure 5. RON as a Function of VD (VS): Dual Supply TA = 25°C VDD = +5V VSS = –5V VDD = +10V VSS = –10V VDD = +15V VSS = –15V VDD, VS (V) 100 90 80 70 60 50 40 30 20 03 9 612 15 Figure 6. RON as a Function of VD (VS): Single Supply +125 °C +85 °C +25 °C –40 °C VDD = +15V VSS = –15V VDD, VS (V) 45 40 30 35 25 20 10 15 –15 –10 0 –5 5 10 15 Figure 7. RON as a Function of VD (VS) for Different Temperatures: Dual Supply VDD, VS (V) 60 50 40 30 10 20 0 3 6 9 12 15 +125 °C +85 °C +25 °C –40 °C VDD = 15V VSS = 0V Figure 8. RON as a Function of VD (VS) for Different Temperatures: Single Supply IS (OFF) ID (ON) VDD = +16.5V VSS = –16.5V TA = 25°C VD, VS (V) 0.004 0.002 –0.002 0 –0.004 –0.006 –0.010 –0.008 –15 –10 0 –5 5 10 15 IS (ON) Figure 9. Leakage Currents as a Function of VD (VS): Dual Supply IS (OFF) IS (ON) VDD = +16.5V VSS = –16.5V TA = 25°C VD, VS (V) 0.001 –0.001 0 –0.002 –0.004 –0.003 03 6 9 12 ID (ON) Figure 10. Leakage Currents as a Function of VD (VS): Single Supply |
Número de pieza similar - ADG333ABRS |
|
Descripción similar - ADG333ABRS |