Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG419BRZ1 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG419BRZ1
Descripción Electrónicos  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG419BRZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG419BRZ1 Datasheet HTML 3Page - Analog Devices ADG419BRZ1 Datasheet HTML 4Page - Analog Devices ADG419BRZ1 Datasheet HTML 5Page - Analog Devices ADG419BRZ1 Datasheet HTML 6Page - Analog Devices ADG419BRZ1 Datasheet HTML 7Page - Analog Devices ADG419BRZ1 Datasheet HTML 8Page - Analog Devices ADG419BRZ1 Datasheet HTML 9Page - Analog Devices ADG419BRZ1 Datasheet HTML 10Page - Analog Devices ADG419BRZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG419
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
40
30
20
10
0
–15
–10
–5
0
5
10
15
VS, VD (V)
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
VDD = +15V
VSS = –15V
TA = 25°C
Figure 3. RON as a Function of VD (VS), Dual-Supply Voltage
50
0
10
20
30
40
–15
–10
–5
0
5
10
15
VS, VD (V)
VDD = +15V
VSS = –15V
VL = +5V
125°C
25°C
85°C
Figure 4. RON as a Function of VD (VS) for Different Temperatures
0.02
–0.03
–0.02
–0.01
0
0.01
VS, VD (V)
–15
–10
–5
0
5
10
15
VDD = +15V
VSS = –15V
TA = 25°C
ID (ON)
IS (OFF)
ID (OFF)
Figure 5. Leakage Currents as a Function of VS (VD)
100
0
20
40
60
80
01
10
5
VS, VD (V)
5
VDD = 5V
VSS = 0V
TA = 25°C
VDD = 10V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 15V
VSS = 0V
Figure 6. RON as a Function of VD (VS), Single-Supply Voltage
100
0
20
40
60
80
036
9
VS, VD (V)
12
125°C
25°C
85°C
VDD = 12V
VSS = 0V
VL = 5V
Figure 7. RON as a Function of VD (VS) for Different Temperatures
0.006
–0.004
–0.002
0
0.002
0.004
VS, VD (V)
02
46
8
10
12
VDD = 12V
VSS = 0V
TA = 25°C
ID (ON)
IS (OFF)
ID (OFF)
Figure 8. Leakage Currents as a Function of VS (VD)


Número de pieza similar - ADG419BRZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG419BR AD-ADG419BR Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419BRM AD-ADG419BRM Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Descripción similar - ADG419BRZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com