Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG419BRMZ-REEL1 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADG419BRMZ-REEL1
Descripción Electrónicos  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG419BRMZ-REEL1 Datasheet(HTML) 3 Page - Analog Devices

  ADG419BRMZ-REEL1 Datasheet HTML 1Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 2Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 3Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 4Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 5Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 6Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG419
Rev. B | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, VL = 5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
B Version
T Version
Parameter1
+25°C
−40°C to
+85°C
−40°C to
+125°C
+25°C
−55°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
RON
25
25
Ω typ
VD = ±12.5 V, IS = −10 mA
35
45
45
35
45
Ω max
VDD = +13.5 V, VSS = −13.5 V
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off )
±0.1
±0.1
nA typ
VD = ±15.5 V, VS =
∓15.5 V;
see Figure 12
±0.25
±5
±15
±0.25
±15
nA max
Drain Off Leakage, ID (Off )
±0.1
±0.1
nA typ
VD = ±15.5 V, VS =
∓15.5 V;
see Figure 12
±0.75
±5
±30
±0.75
±30
nA max
Channel On Leakage, ID, IS (On)
±0.4
±0.4
nA typ
VS = VD = ±15.5 V; see Figure 13
±0.75
±5
±30
±0.75
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
IINL or IINH
±0.005
±0.005
±0.005
μA typ
VIN = VINL or VINH
±0.5
±0.5
±0.5
μA max
DYNAMIC CHARACTERISTICS2
tTRANSITION
160
200
200
145
200
ns max
RL = 300 Ω, CL = 35 pF; VS1 = ±10 V,
VS2 =
∓10 V; see Figure 14
Break-Before-Make Time Delay, tD
30
30
ns typ
RL = 300 Ω, CL = 35 pF;
VS1 = VS2 = ±10 V; see Figure 15
5
5
ns min
Off Isolation
80
80
dB typ
RL = 50 Ω, f = 1 MHz; see Figure 16
Channel-to-Channel Crosstalk
90
70
dB typ
RL = 50 Ω, f = 1 MHz; see Figure 17
CS (Off )
6
6
pF typ
f = 1 MHz
CD, CS (On)
55
55
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.0001
0.0001
μA typ
VIN = 0 V or 5 V
1
2.5
2.5
1
2.5
μA max
ISS
0.0001
0.0001
μA typ
1
2.5
2.5
1
2.5
μA max
IL
0.0001
0.0001
μA typ
VL = 5.5 V
1
2.5
2.5
1
2.5
μA max
1 Temperature ranges are as follows: B Version: −40°C to +125°C; T Version: −55°C to +125°C.
2 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG419BRMZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG419BRM AD-ADG419BRM Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Descripción similar - ADG419BRMZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com