Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG426BRS-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG426BRS-REEL
Descripción Electrónicos  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG426BRS-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG426BRS-REEL Datasheet HTML 1Page - Analog Devices ADG426BRS-REEL Datasheet HTML 2Page - Analog Devices ADG426BRS-REEL Datasheet HTML 3Page - Analog Devices ADG426BRS-REEL Datasheet HTML 4Page - Analog Devices ADG426BRS-REEL Datasheet HTML 5Page - Analog Devices ADG426BRS-REEL Datasheet HTML 6Page - Analog Devices ADG426BRS-REEL Datasheet HTML 7Page - Analog Devices ADG426BRS-REEL Datasheet HTML 8Page - Analog Devices ADG426BRS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 4 of 20
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
RON
50
Ω typ
VD = ±10 V, IS = −1 mA
80
125
Ω max
VDD = +13.5 V, VSS = −13.5 V
RON Match
4
Ω typ
VD = 0 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage IS (Off)
±0.5
±20
nA max
VD = ±10 V, VS = +10 V, see Figure 26
Drain Off Leakage ID (Off )
VD = ±10 V, VS = +10 V; see Figure 27
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
Channel On Leakage ID, IS (On)
VS = VD = ±10 V; see Figure 28
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±1
μA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
120
ns typ
RL = 300 Ω, CL = 35 pF; V1 = ±10 V, V2 = +10 V; see Figure 29
150
250
ns max
Break Before Make Delay, tOPEN
10
10
ns min
RL = 300 Ω, CL = 35 pF; VS = +5 V, see Figure 30
tON (EN, WR)
120
175
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 31
160
225
ns max
tOFF (EN, RS)
110
130
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 31
150
180
ns max
ADG426 Only
tW, Write Pulse Width
100
ns min
tS, Address, Enable Setup Time
100
ns min
tH, Address, Enable Hold Time
10
ns min
tRS, Reset Pulse Width
100
ns min
VS = +5 V
Charge Injection
8
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
See Figure 34
Off Isolation
−75
dB typ
RL = 1 k Ω, f = 100 kHz;
VEN = 0 V, see Figure 35
Channel-to-Channel Crosstalk
85
dB typ
RL = 1 k Ω, f = 100 kHz, see Figure 36
CS (Off )
5
pF typ
f = 1 MHz
CD (Off )
f = 1 MHz
ADG406, ADG426
50
pF typ
ADG407
25
pF typ
CD, CS (On)
f = 1 MHz
ADG406, ADG426
60
pF typ
ADG407
40
pF typ


Número de pieza similar - ADG426BRS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG426BRS AD-ADG426BRS Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
More results

Descripción similar - ADG426BRS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com