Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG451BR Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG451BR
Descripción Electrónicos  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG451BR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG451BR Datasheet HTML 2Page - Analog Devices ADG451BR Datasheet HTML 3Page - Analog Devices ADG451BR Datasheet HTML 4Page - Analog Devices ADG451BR Datasheet HTML 5Page - Analog Devices ADG451BR Datasheet HTML 6Page - Analog Devices ADG451BR Datasheet HTML 7Page - Analog Devices ADG451BR Datasheet HTML 8Page - Analog Devices ADG451BR Datasheet HTML 9Page - Analog Devices ADG451BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 6 of 16
5 V DUAL SUPPLY
VDD = +5 V, VSS = −5 V, VL = +5 V, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
B Version1
Parameter
25°C
TMIN to TMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
7
Ω typ
VD = −3.5 V to +3.5 V, IS = −10 mA
12
15
Ω max
On Resistance Match Between Channels (ΔRON)
0.3
Ω typ
VD = 3.5 V, IS = −10 mA
0.5
0.5
Ω max
LEAKAGE CURRENTS2, 3
Source Off Leakage, IS (OFF)
±0.02
nA typ
VD = ±4.5, VS = ±4.5; see Figure 17
±0.5
±2.5
nA max
Drain Off Leakage, ID (OFF)
±0.02
nA typ
VD = 0 V, 5 V, VS = 0 V, 5 V; see Figure 17
±0.5
±2.5
nA max
Channel On Leakage, ID, IS (ON)
±0.04
nA typ
VD = VS = 0 V, 5 V; see Figure 18
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.5
μA max
DYNAMIC CHARACTERISTICS4
tON
160
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 19
220
300
ns max
tOFF
60
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 19
140
180
ns max
Break-Before-Make Time Delay, tD (ADG453 Only)
50
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3 V; see Figure 20
5
5
ns min
Charge Injection
10
pC typ
VS = 0 V, RS = 0 Ω, CL = 1.0 nF; see Figure 21
Off Isolation
65
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 22
Channel-to-Channel Crosstalk
−76
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure
23
CS (OFF)
48
pF typ
f = 1 MHz
CD (OFF)
48
pF typ
f = 1 MHz
CD, CS (ON)
148
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V; digital inputs = 0 V or 5 V
IDD
0.0001
μA typ
0.5
5
μA max
ISS
0.0001
μA typ
0.5
5
μA max
IL
0.0001
μA typ
0.5
5
μA max
VL = 5.5 V
IGND4
0.0001
μA typ
0.5
5
μA max
VL = 5.5 V
1 Temperature range for B version is −40°C to +85°C.
2 TMAX = 70°C.
3 Tested with dual supplies.
4 Guaranteed by design, not subject to production test.


Número de pieza similar - ADG451BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG451BR AD-ADG451BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Descripción similar - ADG451BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com