Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG436BRZ-REEL1 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG436BRZ-REEL1
Descripción Electrónicos  Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG436BRZ-REEL1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG436BRZ-REEL1 Datasheet HTML 4Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 5Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 6Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 9Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 10Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 11Page - Analog Devices ADG436BRZ-REEL1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG436
Rev. B | Page 10 of 12
TEST CIRCUITS
SD
VD
RON = V1/IDS
IDS
V1
SD
VD
VS
IS (OFF)
A
SD
VD
NC
NC = NO CONNECT
ID (ON)
A
Figure 12. On Resistance
Figure 13. Off Leakage
Figure 14. On Leakage
D
GND
IN
SA
SB
–10V
+10V
VDD
VDD
VSS
VSS
VS
VOUT
RL
300
CL
35pF
0.1
µF
0.1
µF
50%
50%
50%
50%
tON
tOFF
VIN
VS
+3V
0V
+10V
0V
–10V
Figure 15. Switching Times
D
GND
IN
SA
SB
VDD
VDD
VSS
VSS
VS
VOUT
RL
300
CL
35pF
0.1
µF
0.1
µF
3V
0V
VIN
VOUT
VS
50%
50%
tOPEN
Figure 16. Break-Before-Make Delay, topen
VDD
VDD
VSS
VSS
VOUT
IN
CL
10nF
GND
VIN
VOUT
QINJ = CL × ∆VOUT
∆V
OUT
3V
0V
0V
DSA
VD
RD
Figure 17. Charge Injection
VSS
VOUT
GND
SD
VIN
VS
VDD
VDD
VSS
0.1
µF
0.1
µF
RL
75
VSS
GND
SD
VIN1
VS
VDD
VDD
VSS
0.1
µF
0.1
µF
NC
VOUT
CHANNEL-TO-CHANNEL
CROSSTALK
20
× LOG |V
S/VOUT|
VIN2
75
RL
75
SD
Figure 18. Off Isolation
Figure 19. Channel-to Channel Crosstalk


Número de pieza similar - ADG436BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG436BR AD-ADG436BR Datasheet
93Kb / 8P
   Dual SPDT Switch
REV. A
More results

Descripción similar - ADG436BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436 Datasheet
93Kb / 8P
   Dual SPDT Switch
REV. A
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
   Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com