Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG633YRU Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG633YRU
Descripción Electrónicos  CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG633YRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG633YRU Datasheet HTML 3Page - Analog Devices ADG633YRU Datasheet HTML 4Page - Analog Devices ADG633YRU Datasheet HTML 5Page - Analog Devices ADG633YRU Datasheet HTML 6Page - Analog Devices ADG633YRU Datasheet HTML 7Page - Analog Devices ADG633YRU Datasheet HTML 8Page - Analog Devices ADG633YRU Datasheet HTML 9Page - Analog Devices ADG633YRU Datasheet HTML 10Page - Analog Devices ADG633YRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG633
Rev. A | Page 7 of
16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
S2A
S3B
D3
VSS
EN
S3A
S2B
GND
16
15
14
13
12
11
10
9
D2
D1
S1B
A1
A2
A0
S1A
VDD
ADG633
TOP VIEW
(Not to Scale)
Figure 2. TSSOP Pin Configuration
NOTES
1. THE EXPOSED PADDLE CAN BE LEFT FLOATING
OR BE TIED TO VDD, VSS, OR GND.
PIN 1
INDICATOR
1
S3B
2
D3
3
S3A
4
EN
11 S1B
12 D1
10 S1A
9A0
ADG633
TOP VIEW
(Not to Scale)
Figure 3. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
S2B
Source Terminal of Multiplexer 2. Can be an input or output.
2
16
S2A
Source Terminal of Multiplexer 2. Can be an input or output.
3
1
S3B
Source Terminal of Multiplexer 3. Can be an input or output.
4
2
D3
Drain Terminal of Multiplexer 3. Can be an input or output.
5
3
S3A
Source Terminal of Multiplexer 3. Can be an input or output.
6
4
EN
Digital Control Input. Disables all multiplexers when set high.
7
5
VSS
Most Negative Power Supply Terminal. Tie this pin to GND when using the device with single-supply
voltages.
8
6
GND
Ground (0 V) Reference.
9
7
A2
Digital Control Input.
10
8
A1
Digital Control Input.
11
9
A0
Digital Control Input.
12
10
S1A
Source Terminal of Multiplexer 1. Can be an input or output.
13
11
S1B
Source Terminal of Multiplexer 1. Can be an input or output.
14
12
D1
Drain Terminal of Multiplexer 1. Can be an input or output.
15
13
D2
Drain Terminal of Multiplexer 2. Can be an input or output.
16
14
VDD
Most Positive Power Supply Terminal.
N/A
EP
EP
Exposed Paddle. The exposed paddle can be left floating or be tied to VDD, VSS, or GND.
Table 6. ADG633 Truth Table
Switch Condition
A2
A1
A0
EN
Switch S1A-D1
Switch S1B-D1
Switch S2A-D2
Switch S2B-D2
Switch S2A-D3
Switch S3B-D3
X1
X1
X1
1
Off
Off
Off
Off
Off
Off
0
0
0
0
On
Off
On
Off
On
Off
0
0
1
0
Off
On
On
Off
On
Off
0
1
0
0
On
Off
Off
On
On
Off
0
1
1
0
Off
On
Off
On
On
Off
1
0
0
0
On
Off
On
Off
Off
On
1
0
1
0
Off
On
On
Off
Off
On
1
1
0
0
On
Off
Off
On
Off
On
1
1
1
0
Off
On
Off
On
Off
On
1 X = the logic state does not matter; it can be either 0 or 1.


Número de pieza similar - ADG633YRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG633YRU AD-ADG633YRU Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
More results

Descripción similar - ADG633YRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com