Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP1320 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza MCP1320
Descripción Electrónicos  Voltage Supervisor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1320 Datasheet HTML 1Page - Microchip Technology MCP1320 Datasheet HTML 2Page - Microchip Technology MCP1320 Datasheet HTML 3Page - Microchip Technology MCP1320 Datasheet HTML 4Page - Microchip Technology MCP1320 Datasheet HTML 5Page - Microchip Technology MCP1320 Datasheet HTML 6Page - Microchip Technology MCP1320 Datasheet HTML 7Page - Microchip Technology MCP1320 Datasheet HTML 8Page - Microchip Technology MCP1320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 5
MCP131X/2X
VDD Trip Point (Con’t) MCP13XX-34
VTRIP
3.349
3.40
3.451
V
TA = +25°C (Note 1)
(Note 6)
3.315
3.40
3.385
V
TA = -40°C to +125°C (Note 2)
MCP13XX-35
3.448
3.50
3.553
V
TA = +25°C (Note 1)
(Note 6)
3.413
3.50
3.588
V
TA = -40°C to +125°C (Note 2)
MCP13XX-36
3.546
3.60
3.654
V
TA = +25°C (Note 1)
(Note 6)
3.510
3.60
3.690
V
TA = -40°C to +125°C (Note 2)
MCP13XX-37
3.645
3.70
3.756
V
TA = +25°C (Note 1)
(Note 6)
3.608
3.70
3.793
V
TA = -40°C to +125°C (Note 2)
MCP13XX-38
3.743
3.80
3.857
V
TA = +25°C (Note 1)
(Note 6)
3.705
3.80
3.895
V
TA = -40°C to +125°C (Note 2)
MCP13XX-39
3.842
3.90
3.959
V
TA = +25°C (Note 1)
(Note 6)
3.803
3.90
3.998
V
TA = -40°C to +125°C (Note 2)
MCP13XX-40
3.940
4.00
4.060
V
TA = +25°C (Note 1)
(Note 6)
3.900
4.00
4.100
V
TA = -40°C to +125°C (Note 2)
MCP13XX-41
4.039
4.10
4.162
V
TA = +25°C (Note 1)
(Note 6)
3.998
4.10
4.203
V
TA = -40°C to +125°C (Note 2)
MCP13XX-42
4.137
4.20
4.263
V
TA = +25°C (Note 1)
(Note 6)
4.095
4.20
4.305
V
TA = -40°C to +125°C (Note 2)
MCP13XX-43
4.236
4.30
4.365
V
TA = +25°C (Note 1)
(Note 6)
4.193
4.30
4.408
V
TA = -40°C to +125°C (Note 2)
MCP13XX-44
4.334
4.40
4.466
V
TA = +25°C (Note 1)
(Note 6)
4.290
4.40
4.510
V
TA = -40°C to +125°C (Note 2)
MCP13XX-45
4.433
4.50
4.568
V
TA = +25°C (Note 1)
(Note 6)
4.388
4.50
4.613
V
TA = -40°C to +125°C (Note 2)
MCP13XX-46
4.531
4.60
4.669
V
TA = +25°C (Note 1)
4.485
4.60
4.715
V
TA = -40°C to +125°C (Note 2)
MCP13XX-47
4.630
4.70
4.771
V
TA = +25°C (Note 1)
(Note 6)
4.583
4.70
4.818
V
TA = -40°C to +125°C (Note 2)
VDD Trip Point Tempco
TTPCO
±40
ppm/°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k
(only MCP1320, MCP1321 and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
Hysteresis is minimum = 1%, maximum = 6% at +25°C.
4:
This specification allows this device to be used in PIC® microcontroller applications that require the In-
Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-35.
5:
This parameter is established by characterization and is not 100% tested.
6:
Custom ordered voltage trip point; minimum order volume requirement. Information available upon request.


Número de pieza similar - MCP1320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP1320 MICROCHIP-MCP1320 Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320 MICROCHIP-MCP1320 Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320 MICROCHIP-MCP1320 Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T MICROCHIP-MCP1320T Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
More results

Descripción similar - MCP1320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com