Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG732BSU Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG732BSU
Descripción Electrónicos  16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG732BSU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG732BSU Datasheet HTML 4Page - Analog Devices ADG732BSU Datasheet HTML 5Page - Analog Devices ADG732BSU Datasheet HTML 6Page - Analog Devices ADG732BSU Datasheet HTML 7Page - Analog Devices ADG732BSU Datasheet HTML 8Page - Analog Devices ADG732BSU Datasheet HTML 9Page - Analog Devices ADG732BSU Datasheet HTML 10Page - Analog Devices ADG732BSU Datasheet HTML 11Page - Analog Devices ADG732BSU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
ADG726/ADG732
–10–
FREQUENCY – MHz
0
–100
–70
–60
–50
–40
–30
–20
–10
0.03
0.1
1
10
100
–80
–90
VDD = 5V
TA = 25 C
TPC 10. OFF Isolation vs. Frequency
FREQUENCY – MHz
0.03
0.1
100
110
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
VDD = 3V, 5V
TA = 25 C
TPC 11. Crosstalk vs. Frequency
FREQUENCY – MHz
0
–14
–12
–10
–8
–6
–4
–2
0.03
0.1
1
10
100
VDD = 5V
TA = 25 C
ADG732
ADG726
TPC 12. ON Response vs. Frequency
IDS
V1
SD
VS
RON = V1 /IDS
Test Circuit 1. On Resistance
S1
D
VS
GND
A
VS
S2
S32
EN
LOGIC “1”
VDD
VSS
VDD
VSS
IS(OFF)
VD
Test Circuit 2. IS (OFF)
S1
D
VS
GND
A
VD
S2
S32
EN
LOGIC “1”
VDD
VSS
VDD
VSS
ID(OFF)
Test Circuit 3. ID (OFF)
D
VS
GND
A
VD
S1
S32
EN
VDD
VSS
VDD
VSS
ID(ON)
LOGIC “ 0”
Test Circuit 4. ID (ON)
Test Circuits
ADDRESS
DRIVE (VIN)
0V
3V
VOUT
VS1
VS32
tTRANSITION
tTRANSITION
50%
90%
50%
90%
VSS
VSS
VDD
VDD
50
VIN
A4
A0
ADG732*
S2 THRU S31
S1
S32
D
EN
VS1
VOUT
RL
300
CL
35pF
CS GND WR
*SIMILAR CONNECTION FOR ADG726
VS32
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
3V
ADDRESS
DRIVE (VIN)
0V
VS
VOUT
tOPEN
80%
80%
VSS
VSS
VDD
VDD
50
VIN
A4
A0
ADG732*
S2 THRU S31
S1
S32
D
EN
VS
VOUT
RL
300
CL
35pF
CS GND WR
*SIMILAR CONNECTION FOR ADG726
Test Circuit 6. Break-Before-Make Delay, tOPEN


Número de pieza similar - ADG732BSU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG732BSU AD-ADG732BSU Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG732BSU AD-ADG732BSU Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com