Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG901BRMZ-REEL71 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADG901BRMZ-REEL71
Descripción Electrónicos  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG901BRMZ-REEL71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG901BRMZ-REEL71 Datasheet HTML 4Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 9Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 10Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 11Page - Analog Devices ADG901BRMZ-REEL71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG901/ADG902
Rev. B | Page 8 of 16
TERMINOLOGY
VDD
Most positive power supply potential.
IDD
Positive supply current.
GND
Ground (0 V) reference.
CTRL
Logic control input.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CIN
Digital input capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tRISE
Rise time. Time for the RF signal to rise from 10% to 90% of the
on level.
tFALL
Fall time. Time for the RF signal to fall from 90% to 10% of the
on level.
Off Isolation
The attenuation between input and output ports of the switch
when the switch control voltage is in the off condition.
Insertion Loss
The attenuation between input and output ports of the switch
when the switch control voltage is in the on condition.
P−1 dB
1 dB compression point. The RF input power level at which the
switch insertion loss increases by 1 dB over its low level value. It
is a measure of how much power the on switch can handle
before the insertion loss increases by 1 dB.
IP3
Third-order intermodulation intercept. This is a measure of the
power in false tones that occur when closely spaced tones are
passed through a switch, whereby the nonlinearity of the switch
causes these false tones to be generated.
Return Loss
The amount of reflected power relative to the incident power at
a port. Large return loss indicates good matching. By measuring
return loss the VSWR can be calculated from conversion charts.
voltage standing wave ratio (VSWR) indicates the degree of
matching present at a switch RF port.
Video Feedthrough
The spurious signals present at the RF ports of the switch when
the control voltage is switched from high to low or low to high
without an RF signal present.


Número de pieza similar - ADG901BRMZ-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG901BRM AD-ADG901BRM Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BRM-500RL7 AD-ADG901BRM-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BRM-REEL7 AD-ADG901BRM-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Descripción similar - ADG901BRMZ-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com