Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP1603-ADJI/MC Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza MCP1603-ADJI/MC
Descripción Electrónicos  2.0 MHz, 500 mA Synchronous Buck Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/MC Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1603-ADJI/MC Datasheet HTML 4Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 5Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 6Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 7Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 8Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 9Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 10Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 11Page - Microchip Technology MCP1603-ADJI/MC Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP1603/B/L
DS22042B-page 8
 2007-2012 Microchip Technology Inc.
Note:
Unless
otherwise
indicated,
MCP1603/L,
VIN = SHDN =3.6V,
COUT =CIN = 4.7 µF,
L
= 4.7 µH,
VOUT(ADJ) = 1.8V, ILOAD = 100 mA, TA = +25°C. Adjustable or fixed output voltage options can be used to generate the
Typical Performance Characteristics.
FIGURE 2-7:
Efficiency vs. Input Voltage
(VOUT = 1.8V).
FIGURE 2-8:
Efficiency vs. Output Load
(VOUT = 1.8V).
FIGURE 2-9:
Efficiency vs. Input Voltage
(VOUT = 2.4V).
FIGURE 2-10:
Line Regulation vs. Ambient
Temperature (VOUT = 1.8V).
FIGURE 2-11:
Output Voltage vs. Load
Current (VOUT = 1.8V).
FIGURE 2-12:
PFM/PWM Efficiency vs.
Output Load (VOUT = 2.4V).
80
85
90
95
100
V
OUT = 1.8V
I
OUT = 100 mA
I
OUT = 500 mA
I
OUT = 300 mA
70
75
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
30
40
50
60
70
80
90
100
V
18V
V
IN = 4.2V
V
IN = 2.7V
V
IN = 3.6V
0
10
20
30
0.1
1
10
100
1000
Output Current (mA)
V
OUT = 1.8V
PFM/PWM
PWM Only
80
85
90
95
100
V
OUT = 2.4V
I
OUT = 100 mA
I
OUT = 500 mA
I
OUT = 300 mA
75
80
33.544.5
55.5
Input Voltage (V)
02
0.3
0.4
0.5
0.6
I
OUT = 100 mA
I
OUT = 300 mA
V
OUT = 1.8V
0.1
0.2
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (oC)
1.76
1.77
1.78
1.79
1.80
1.81
1.82
T
A = +125
oC
T
A = -40
oC
T
A = +25
oC
T
A = +90
oC
1.74
1.75
100
150
200
250
300
350
400
450
500
Output Current (mA)
30
40
50
60
70
80
90
100
V
24V
V
IN = 4.2V
V
IN = 2.7V
V
IN = 3.6V
0
10
20
30
0.1
1
10
100
1000
Output Current (mA)
V
OUT = 2.4V
PFM/PWM
PWM Only


Número de pieza similar - MCP1603-ADJI/MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP1603-ADJI/MC MICROCHIP-MCP1603-ADJI/MC Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
More results

Descripción similar - MCP1603-ADJI/MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com