Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG702BRTZ-REEL1 Datasheet(PDF) 4 Page - Analog Devices |
|
ADG702BRTZ-REEL1 Datasheet(HTML) 4 Page - Analog Devices |
4 / 12 page ADG701/ADG702 Rev. C | Page 4 of 12 VDD = 3 V ± 10%, GND = 0 V. Temperature range for B version is −40°C to +85°C, unless otherwise noted. Table 3. B Version Parameter +25°C −40°C to +85°C Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range 0 V to VDD V On Resistance (RON) 3.5 Ω typ VS = 0 V to VDD, IS = −10 mA; Figure 11 5 6 Ω max On Resistance Flatness (RFLAT(ON)) 1.5 Ω typ VS = 0 V to VDD, IS = −10 mA LEAKAGE CURRENTS VDD = 3.3 V Source OFF Leakage IS (OFF) ±0.01 nA typ VS = 3 V/1 V, VD = 1 V/3 V; Figure 12 Drain OFF Leakage ID (OFF) ±0.01 nA typ VS = 3 V/1 V, VD = 1 V/3 V; Figure 12 Channel ON Leakage ID, IS (ON) ±0.01 nA typ V = VD = 1 V, or 3 V; Figure 13 DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.4 V max Input Current IINL or IINH 0.005 μA typ VIN = VINL or VINH ±0.1 μA max DYNAMIC CHARACTERISTICS1 tON 14 ns typ RL = 300 Ω, CL = 35 pF 20 ns max VS = 2 V, Figure 14 tOFF 8 ns typ RL = 300 Ω, CL = 35 pF 13 ns max VS = 2 V, Figure 14 Charge Injection 4 pC typ VS = 1.5 V, RS = 0 Ω, CL = 1 nF; Figure 15 Off Isolation −55 dB typ RL = 50 Ω, CL = 5 pF, f = 10 MHz −75 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 16 Bandwidth −3 dB 200 MHz typ RL = 50 Ω, CL = 5 pF; Figure 17 CS (OFF) 17 pF typ CD (OFF) 17 pF typ CD, CS (ON) 38 pF typ POWER REQUIREMENTS VDD = 3.3 V Digital inputs = 0 V or 3 V IDD 0.001 μA typ 1.0 μA max 1 Guaranteed by design, not subject to production test. |
Número de pieza similar - ADG702BRTZ-REEL1 |
|
Descripción similar - ADG702BRTZ-REEL1 |