Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG702BRTZ-REEL1 Datasheet(PDF) 8 Page - Analog Devices |
|
ADG702BRTZ-REEL1 Datasheet(HTML) 8 Page - Analog Devices |
8 / 12 page ADG701/ADG702 Rev. C | Page 8 of 12 TERMINOLOGY Table 7. Term Description RON Ohmic resistance between D and S. RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the specified analog signal range. IS (OFF) Source leakage current with the switch off. ID (OFF) Drain leakage current with the switch off. ID, IS (ON) Channel leakage current with the switch on. VD (VS) Analog voltage on terminals D and S. CS (OFF) Off switch source capacitance. CD (OFF) Off switch drain capacitance. CD, CS (ON) On switch capacitance. tON Delay between applying the digital control input and the output switching on. See Figure 14. tOFF Delay between applying the digital control input and the output switching off. Off Isolation A measure of unwanted signal coupling through an off switch. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Bandwidth The frequency at which the output is attenuated by −3 dB. On Response The frequency response of the on switch. On Loss The voltage drop across the on switch seen in Figure 10 as the number of decibels that the signal is from 0 dB at very low frequencies. |
Número de pieza similar - ADG702BRTZ-REEL1 |
|
Descripción similar - ADG702BRTZ-REEL1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |