Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM8660ARZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADM8660ARZ
Descripción Electrónicos  CMOS Switched-Capacitor Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM8660ARZ Datasheet(HTML) 4 Page - Analog Devices

  ADM8660ARZ Datasheet HTML 1Page - Analog Devices ADM8660ARZ Datasheet HTML 2Page - Analog Devices ADM8660ARZ Datasheet HTML 3Page - Analog Devices ADM8660ARZ Datasheet HTML 4Page - Analog Devices ADM8660ARZ Datasheet HTML 5Page - Analog Devices ADM8660ARZ Datasheet HTML 6Page - Analog Devices ADM8660ARZ Datasheet HTML 7Page - Analog Devices ADM8660ARZ Datasheet HTML 8Page - Analog Devices ADM8660ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV.
–4–
ADM660/ADM8660
Doubler Configuration (ADM660 Only)
Mnemonic
Function
FC
Frequency Control Input for Internal Oscillator
and Charge Pump. With FC = Open, fCP =
25 kHz; with FC = V+, fCP = 120 kHz.
CAP+
Positive Charge-Pump Capacitor Terminal.
GND
Positive Input Supply.
CAP–
Negative Charge-Pump Capacitor Terminal.
OUT
Ground.
LV
Low Voltage Operation Input. Connect to OUT.
OSC
Must be left unconnected in this mode.
V+
Doubled Positive Output.
PIN CONNECTIONS
8-Lead
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM660
FC
OUT
LV
OSC
V+
CAP+
GND
CAP–
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM8660
FC
OUT
LV
SD
V+
CAP+
GND
CAP–
16-Lead
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM660
NC = NO CONNECT
NC
OSC
V+
NC
NC
NC
FC
CAP+
NC
OUT
LV
GND
CAP–
NC
NC
NC
Inverter Configuration
Mnemonic
Function
FC
Frequency Control Input for Internal Oscillator
and Charge Pump. With FC = Open (ADM660)
or connected to GND (ADM8660), fCP = 25 kHz;
with FC = V+, fCP = 120 kHz.
CAP+
Positive Charge-Pump Capacitor Terminal.
GND
Power Supply Ground.
CAP–
Negative Charge-Pump Capacitor Terminal.
OUT
Output, Negative Voltage.
LV
Low Voltage Operation Input. Connect to GND
when input voltage is less than 3.5 V. Above
3.5 V, LV may be connected to GND or left
unconnected.
OSC
ADM660: Oscillator Control Input. OSC is
connected to an internal 15 pF capacitor. An
external capacitor may be connected to slow the
oscillator. An external oscillator may also be
used to overdrive OSC. The charge-pump
frequency is equal to 1/2 the oscillator frequency.
SD
ADM8660: Shutdown Control Input. This in-
put, when high, is used to disable the charge
pump thereby reducing the power consumption.
V+
Positive Power Supply Input.
PIN FUNCTION DESCRIPTIONS
C


Número de pieza similar - ADM8660ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM8660AR AD-ADM8660AR Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM8660AR AD-ADM8660AR Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM8660AR AD-ADM8660AR Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
More results

Descripción similar - ADM8660ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660 AD-ADM660 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com