Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F527 Datasheet(PDF) 79 Page - Microchip Technology

No. de pieza PIC16F527
Descripción Electrónicos  20-Pin, 8-Bit Flash Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F527_12 Datasheet HTML 75Page - Microchip Technology PIC16F527_12 Datasheet HTML 76Page - Microchip Technology PIC16F527_12 Datasheet HTML 77Page - Microchip Technology PIC16F527_12 Datasheet HTML 78Page - Microchip Technology PIC16F527_12 Datasheet HTML 79Page - Microchip Technology PIC16F527_12 Datasheet HTML 80Page - Microchip Technology PIC16F527_12 Datasheet HTML 81Page - Microchip Technology PIC16F527_12 Datasheet HTML 82Page - Microchip Technology PIC16F527_12 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41652A-page 79
PIC16F527
RETLW
Return with Literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
 k  255
Operation:
k
 (W);
TOS
 PC
Status Affected:
None
Description:
The W register is loaded with the
eight-bit literal ‘k’. The program
counter is loaded from the top of
the stack (the return address).
This is a two-cycle instruction.
RETURN
Return
Syntax:
[ label ]
RETURN
Operands:
None
Operation:
TOS
 PC
Status Affected:
None
Description:
The program counter is loaded
from the top of the stack (the
return address). This is a two-
cycle instruction.
RLF
Rotate Left f through Carry
Syntax:
[ label ]
RLF
f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry flag. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’, the result is stored back in
register ‘f’.
C
register ‘f’
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry flag. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’, the result is placed back in
register ‘f’.
SLEEP
Enter SLEEP Mode
Syntax:
[label ]
SLEEP
Operands:
None
Operation:
00h
 WDT;
0
 WDT prescaler;
1
 TO;
0
 PD
Status Affected:
TO, PD, RBWUF
Description:
Time-out Status bit (TO) is set.
The Power-down Status bit (PD) is
cleared.
RBWUF is unaffected.
The WDT and its prescaler are
cleared.
The processor is put into Sleep
mode with the oscillator stopped.
See Section 8.10 “Power-down
Mode (Sleep)” on Sleep for more
details.
SUBWF
Subtract W from f
Syntax:
[label ]
SUBWF f,d
Operands:
0
f 31
d
 [0,1]
Operation:
(f) – (W)
dest)
Status Affected:
C, DC, Z
Description:
Subtract (2’s complement method)
the W register from register ‘f’. If ‘d’
is ‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
C
register ‘f’


Número de pieza similar - PIC16F527_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F527 MICROCHIP-PIC16F527 Datasheet
2Mb / 134P
   28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
More results

Descripción similar - PIC16F527_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
   20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Microchip Technology
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
   8-Pin, 8-Bit Flash Microcontroller
2007
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
   8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
   14-Pin, 8-Bit Flash Microcontroller
2010
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
   28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
   14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com