Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM803TAKS-REEL7 Datasheet(PDF) 10 Page - Analog Devices |
|
ADM803TAKS-REEL7 Datasheet(HTML) 10 Page - Analog Devices |
10 / 12 page ADM803/ADM809/ADM810 Rev. H | Page 10 of 12 ORDERING GUIDE Model Reset Threshold (V) Temperature Range Branding1 Quantity Package Description Package Option ADM803LAKS-REEL 4.63 −40°C to +125°C M02 10k 3-Lead SC70 KS-3 ADM803LAKS-REEL7 4.63 −40°C to +125°C M02 3k 3-Lead SC70 KS-3 ADM803LAKSZ-REEL2 4.63 −40°C to +125°C M6L 10k 3-Lead SC70 KS-3 ADM803LAKSZ-REEL72 4.63 −40°C to +125°C M6L 3k 3-Lead SC70 KS-3 ADM803MAKS-REEL7 4.38 −40°C to +125°C M03 3k 3-Lead SC70 KS-3 ADM803MAKSZ-REEL2 4.38 −40°C to +125°C M6J 10k 3-Lead SC70 KS-3 ADM803MAKSZ-REEL72 4.38 −40°C to +125°C M6J 3k 3-Lead SC70 KS-3 ADM803RAKS-REEL7 2.63 −40°C to +125°C M07 3k 3-Lead SC70 KS-3 ADM803RAKSZ-REEL2 2.63 −40°C to +125°C M6M 10k 3-Lead SC70 KS-3 ADM803RAKSZ-REEL72 2.63 −40°C to +125°C M6M 3k 3-Lead SC70 KS-3 ADM803SAKS-REEL7 2.93 −40°C to +125°C M06 3k 3-Lead SC70 KS-3 ADM803SAKSZ-REEL2 2.93 −40°C to +125°C M50 10k 3-Lead SC70 KS-3 ADM803SAKSZ-REEL72 2.93 −40°C to +125°C M50 3k 3-Lead SC70 KS-3 ADM803TAKS-REEL 3.08 −40°C to +125°C M05 10k 3-Lead SC70 KS-3 ADM803TAKS-REEL7 3.08 −40°C to +125°C M05 3k 3-Lead SC70 KS-3 ADM803TAKSZ-REEL2 3.08 −40°C to +125°C M4M 10k 3-Lead SC70 KS-3 ADM803TAKSZ-REEL72 3.08 −40°C to +125°C M4M 3k 3-Lead SC70 KS-3 ADM803ZAKS-REEL 2.32 −40°C to +125°C M08 10k 3-Lead SC70 KS-3 ADM803ZAKS-REEL7 2.32 −40°C to +125°C M08 3k 3-Lead SC70 KS-3 ADM803ZAKSZ-REEL2 2.32 −40°C to +125°C M6N 10k 3-Lead SC70 KS-3 ADM803ZAKSZ-REEL72 2.32 −40°C to +125°C M6N 3k 3-Lead SC70 KS-3 ADM809JAKS-REEL7 4.00 −40°C to +125°C M9C or 9JXX 3k 3-Lead SC70 KS-3 ADM809JAKSZ-REEL2 4.00 −40°C to +125°C M6P 10k 3-Lead SC70 KS-3 ADM809JAKSZ-REEL72 4.00 −40°C to +125°C M6P 3k 3-Lead SC70 KS-3 ADM809JART-REEL7 4.00 −40°C to +125°C M9C or 9JXX 3k 3-Lead SOT-23 RT-3 ADM809JARTZ-REEL2 4.00 −40°C to +125°C M6P 10k 3-Lead SOT-23 RT-3 ADM809JARTZ-REEL72 4.00 −40°C to +125°C M6P 3k 3-Lead SOT-23 RT-3 ADM809LAKS-REEL7 4.63 −40°C to +125°C M9A 3k 3-Lead SC70 KS-3 ADM809LAKSZ-REEL2 4.63 −40°C to +125°C M6R 10k 3-Lead SC70 KS-3 ADM809LAKSZ-REEL72 4.63 −40°C to +125°C M6R 3k 3-Lead SC70 KS-3 ADM809LART-REEL 4.63 −40°C to +125°C 9LXX 10k 3-Lead SOT-23 RT-3 ADM809LART-REEL7 4.63 −40°C to +125°C 9LXX 3k 3-Lead SOT-23 RT-3 ADM809LARTZ-REEL2 4.63 −40°C to +125°C 9LXX3 10k 3-Lead SOT-23 RT-3 ADM809LARTZ-REEL72 4.63 −40°C to +125°C 9LXX X 3 3k 3-Lead SOT-23 RT-3 ADM809MAKS-REEL7 4.38 −40°C to +125°C M9B 3k 3-Lead SC70 KS-3 ADM809MAKSZ-REEL2 4.38 −40°C to +125°C M51 10k 3-Lead SC70 KS-3 ADM809MAKSZ-REEL72 4.38 −40°C to +125°C M51 3k 3-Lead SC70 KS-3 ADM809MART-REEL 4.38 −40°C to +125°C 9MXX 10k 3-Lead SOT-23 RT-3 ADM809MART-REEL7 4.38 −40°C to +125°C 9MXX 3k 3-Lead SOT-23 RT-3 ADM809MARTZ-REEL2 4.38 −40°C to +125°C M51 10k 3-Lead SOT-23 RT-3 ADM809MARTZ-REEL72 4.38 −40°C to +125°C M51 3k 3-Lead SOT-23 RT-3 ADM809RAKS-REEL 2.63 −40°C to +125°C M9F 10k 3-Lead SC70 KS-3 ADM809RAKS-REEL7 2.63 −40°C to +125°C M9F 3k 3-Lead SC70 KS-3 ADM809RAKSZ-REEL2 2.63 −40°C to +125°C M4D 10k 3-Lead SC70 KS-3 ADM809RAKSZ-REEL72 2.63 −40°C to +125°C M4D 3k 3-Lead SC70 KS-3 ADM809RART-REEL 2.63 −40°C to +125°C 9RXX 10k 3-Lead SOT-23 RT-3 ADM809RART-REEL7 2.63 −40°C to +125°C 9RXX 3k 3-Lead SOT-23 RT-3 ADM809RARTZ-REEL2 2.63 −40°C to +125°C M4D 10k 3-Lead SOT-23 RT-3 ADM809RARTZ-REEL72 2.63 −40°C to +125°C M4D 3k 3-Lead SOT-23 RT-3 |
Número de pieza similar - ADM803TAKS-REEL7 |
|
Descripción similar - ADM803TAKS-REEL7 |