Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuC845BSZ8-5-RL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADuC845BSZ8-5-RL
Descripción Electrónicos  MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuC845BSZ8-5-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuC845BSZ8-5-RL Datasheet HTML 5Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 6Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 7Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 8Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 9Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 10Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 11Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 12Page - Analog Devices ADuC845BSZ8-5-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Data Sheet
ADuC845/ADuC847/ADuC848
Rev. C | Page 9 of 108
Parameter
Min
Typ
Max
Unit
Conditions
PWM
−Fxtal
3
µA
−Fvco
0.5
mA
TIC
1
µA
3 V Power Consumption
2.7 V < DVDD < 3.6 V, AVDD = 3.6 V
Normal Mode11, 12
DVDD Current
4.8
mA
Core clock = 1.57 MHz
9
11
mA
Core clock = 6.29 MHz (CD = 1)
AVDD Current
180
µA
ADC not enabled
Power-Down Mode11, 12
DVDD Current
20
26
µA
TMAX = 85°C; OSC on; TIC on
29
µA
TMAX = 125°C; OSC on; TIC on
14
20
µA
TMAX = 85°C; OSC off
21
µA
TMAX = 125°C; OSC off
AVDD Current
1
µA
TMAX = 85°C; OSC on or off
3
µA
TMAX = 125°C; OSC on or off
1
Temperature range is for ADuC845BS; for the ADuC847BS and ADuC848BS (MQFP package), the range is –40°C to +125°C.
Temperature range for ADuC845BCP, ADuC847BCP, and ADuC848BCP (LFCSP package) is –40°C to +85°C.
2
These numbers are not production tested but are guaranteed by design and/or characterization data on production release.
3
System zero-scale calibration can remove this error.
4
Gain error drift is a span drift. To calculate full-scale error drift, add the offset error drift to the gain error drift times the full-scale input.
5
In general terms, the bipolar input voltage range to the primary ADC is given by the ADC range = ±(VREF 2RN )/1.25, where:
VREF = REFIN(+) to REFIN(–) voltage and VREF = 1.25 V when internal ADC VREF is selected. RN = decimal equivalent of RN2, RN1, RN0. For example, if VREF = 2.5 V and RN2,
RN1, RN0 = 1, 1, 0, respectively, then the ADC range = ±1.28 V. In unipolar mode, the effective range is 0 V to 1.28 V in this example.
6
1.25 V is used as the reference voltage to the ADC when internal VREF is selected via XREF0/XREF1 or AXREF bits in ADC0CON2 and ADC1CON, respectively.
(AXREF is available only on the ADuC845.)
7
In bipolar mode, the auxiliary ADC can be driven only to a minimum of AGND – 30 mV as indicated by the auxiliary ADC absolute AIN voltage limits. The bipolar range
is still –VREF to +VREF.
8
DAC linearity and ac specifications are calculated using a reduced code range of 48 to 4095, 0 V to VREF, reduced code range of 100 to 3950, 0 V to VDD.
9
Endurance is qualified to 100 kcycle per JEDEC Std. 22 method A117 and measured at –40°C, +25°C, +85°C, and +125°C. Typical endurance at 25°C is 700 kcycles.
10
Retention lifetime equivalent at junction temperature (TJ) = 55°C per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV derates
with junction temperature.
11
Power supply current consumption is measured in normal mode following the power-on sequence, and in power-down modes under the following conditions:
Normal mode: reset = 0.4 V, digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, core executing internal software loop.
Power-down mode: reset = 0.4 V, all P0 pins and P1.2 to P1.7 pins = 0.4 V. All other digital I/O pins are open circuit, core Clk changed via CD bits in PLLCON, PCON.1 = 1,
core execution suspended in power-down mode, OSC turned on or off via OSC_PD bit (PLLCON.7) in PLLCON SFR.
12
DVDD power supply current increases typically by 3 mA (3 V operation) and 10 mA (5 V operation) during a Flash/EE memory program or erase cycle.
General Notes about Specifications
DAC gain error is a measure of the span error of the DAC.
The ADuC845BCP, ADuC847BCP, and ADuC848BCP (LFCSP package) have been qualified and tested with the base of the LFCSP
package floating. The base of the LFCSP package should be soldered to the board, but left floating electrically, to ensure good
mechanical stability.
Flash/EE memory reliability characteristics apply to both the Flash/EE program memory and Flash/EE data memory.


Número de pieza similar - ADuC845BSZ8-5-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC845BSZ8-5-RL AD-ADUC845BSZ8-5-RL Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results

Descripción similar - ADuC845BSZ8-5-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com