Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuC7028BBCZ62-RL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADuC7028BBCZ62-RL
Descripción Electrónicos  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuC7028BBCZ62-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuC7028BBCZ62-RL Datasheet HTML 7Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 8Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 9Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 10Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 11Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 12Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 13Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 14Page - Analog Devices ADuC7028BBCZ62-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Data Sheet
ADuC7019/20/21/22/24/25/26/27/28/29
Rev. F | Page 11 of 104
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC AC CHARACTERISTICS
Voltage Output Settling Time
10
µs
Digital-to-Analog Glitch Energy
±20
nV-sec
1 LSB change at major carry (where maximum
number of bits simultaneously changes in the
DACxDAT register)
COMPARATOR
Input Offset Voltage
±15
mV
Input Bias Current
1
µA
Input Voltage Range
AGND
AVDD − 1.2
V
Input Capacitance
7
pF
Hysteresis4, 6
2
15
mV
Hysteresis turned on or off via the CMPHYST bit in
the CMPCON register
Response Time
3
µs
100 mV overdrive and configured with CMPRES = 11
TEMPERATURE SENSOR
Voltage Output at 25°C
780
mV
Voltage TC
−1.3
mV/°C
Accuracy
±3
°C
POWER SUPPLY MONITOR (PSM)
IOVDD Trip Point Selection
2.79
V
Two selectable trip points
3.07
V
Power Supply Trip Point Accuracy
±2.5
%
Of the selected nominal trip point voltage
POWER-ON-RESET
2.36
V
GLITCH IMMUNITY ON RESET PIN4
50
µs
WATCHDOG TIMER (WDT)
Timeout Period
0
512
sec
FLASH/EE MEMORY
Endurance9
10,000
Cycles
Data Retention10
20
Years
TJ = 85°C
DIGITAL INPUTS
All digital inputs excluding XCLKI and XCLKO
Logic 1 Input Current
±0.2
±1
µA
VIH = IOVDD or VIH = 5 V
Logic 0 Input Current
−40
−60
µA
VIL = 0 V; except TDI on
ADuC7019/20/21/22/24/25/29
−80
−120
µA
VIL = 0 V; TDI on ADuC7019/20/21/22/24/25/29
Input Capacitance
10
pF
LOGIC INPUTS3
All logic inputs excluding XCLKI
VINL, Input Low Voltage
0.8
V
VINH, Input High Voltage
2.0
V
LOGIC OUTPUTS
All digital outputs excluding XCLKO
VOH, Output High Voltage
2.4
V
ISOURCE = 1.6 mA
VOL, Output Low Voltage11
0.4
V
ISINK = 1.6 mA
CRYSTAL INPUTS XCLKI and XCLKO
Logic Inputs, XCLKI Only
VINL, Input Low Voltage
1.1
V
VINH, Input High Voltage
1.7
V
XCLKI Input Capacitance
20
pF
XCLKO Output Capacitance
20
pF
INTERNAL OSCILLATOR
32.768
kHz
±3
%
±24
%
TA = 0°C to 85°C range


Número de pieza similar - ADuC7028BBCZ62-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Descripción similar - ADuC7028BBCZ62-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com