Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5620ARJ-1REEL7 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD5620ARJ-1REEL7
Descripción Electrónicos  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5620ARJ-1REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5620ARJ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5620ARJ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 4 of 28
Parameter
A Grade1
B Grade1
C Grade1
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±2
±2
±2
μA max
All digital inputs
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VDD = 5 V
VINH, Input High Voltage
2
2
2
V min
VDD = 5 V
Pin Capacitance
3
3
3
pF typ
POWER REQUIREMENTS
VDD
4.5
4.5
4.5
V min
All digital inputs at 0 V or VDD
5.5
5.5
5.5
V max
DAC active and excluding load current
IDD (Normal Mode)
VDD = 4.5 V to 5.5 V
0.55
0.55
0.55
mA typ
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
1
1
1
mA max
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.48
0.48
0.48
μA typ
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
1
1
1
μA max
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at +25°C.
2 Linearity calculated using a reduced code range: AD5660 (Code 511 to Code 65024); AD5640 (Code 128 to Code 16256); AD5620 (Code 32 to Code 4064). Output
unloaded. Linearity tested with VDD = 5.5 V. If part is operated with a VDD < 5 V, the output is clamped to VDD.
3 Guaranteed by design and characterization; not production tested.


Número de pieza similar - AD5620ARJ-1REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

Descripción similar - AD5620ARJ-1REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com