Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9432BSVZ-1051 Datasheet(PDF) 6 Page - Analog Devices |
|
AD9432BSVZ-1051 Datasheet(HTML) 6 Page - Analog Devices |
6 / 16 page AD9432 Rev. F | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS THERMAL CHARACTERISTICS Table 2. Parameter Rating VDD 6 V VCC 6 V Analog Inputs −0.5 V to VCC + 0.5 V Digital Inputs −0.5 V to VDD + 0.5 V VREFIN −0.5 V to VCC + 0.5 V Digital Output Current 20 mA Operating Temperature Range −55°C to +125°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C Maximum Case Temperature 150°C Table 3 lists AD9432 thermal characteristics for simulated typical performance in a 4-layer JEDEC board, horizontal orientation. Table 3. Thermal Resistance Package Type θJA θJMA θJC Unit 52-Lead LQFP (ST-52) No Airflow 50 °C/W 52-Lead TQFP_EP (SV-52-2)1 2 °C/W No Airflow 19.3 °C/W 1.0 m/s Airflow 16 °C/W 1 Bottom of package (soldered exposed pad). Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION EXPLANATION OF TEST LEVELS I 100% production tested. II 100% production tested at 25°C and sample tested at specified temperatures. III Sample tested only. IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range. |
Número de pieza similar - AD9432BSVZ-1051 |
|
Descripción similar - AD9432BSVZ-1051 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |