Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5640BRJ-1REEL7 Datasheet(PDF) 20 Page - Analog Devices

No. de pieza AD5640BRJ-1REEL7
Descripción Electrónicos  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5640BRJ-1REEL7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5640BRJ-1REEL7 Datasheet HTML 16Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 17Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 18Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 19Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 20Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 21Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 22Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 23Page - Analog Devices AD5640BRJ-1REEL7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 20 of 28
AD5660-to-68HC11/68L11 Interface
Figure 46 shows a serial interface between the AD5660 and the
68HC11/68L11 microcontroller. SCK of 68HC11/68L11 drives
the SCLK of AD5660, and the MOSI output drives the serial
data line of the DAC. The SYNC signal is derived from a port
line (PC7). The setup conditions for correct operation of this
interface are as follows: The 68HC11/68L11 should be con-
figured so that its CPOL bit is 0, and its CPHA bit is 1. When
data is being transmitted to the DAC, the SYNC line is taken
low (PC7). When the 68HC11/68L11 is configured in this way,
data appearing on the MOSI output is valid on the falling edge
of SCK. Serial data from the 68HC11/68L11 is transmitted in
8-bit bytes with only eight falling clock edges occurring in the
transmit cycle. Data is transmitted MSB first. To load data to the
AD5660, PC7 is left low after the first eight bits are transferred, a
second serial write operation is performed to the DAC, and PC7
is taken high at the end of this procedure.
AD56601
1 ADDITIONAL PINS OMITTED FOR CLARITY
PC7
SCK
MOSI
SYNC
SCLK
DIN
68HC11/68L111
Figure 46. AD5660-to-68HC11/68L11 Interface
AD5660-to-80C51/80L51 Interface
Figure 47 shows a serial interface between the AD5660 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows: TxD of the 80C51/80L51 drives SCLK of the AD5660,
and RxD drives the serial data line of the part. The SYNC signal
is again derived from a bit-programmable pin on the port. In
this case, Port Line P3.3 is used. When data is to be transmitted
to the AD5660, P3.3 is taken low. The 80C51/80L51 transmit
data only in 8-bit bytes; therefore, only eight falling clock edges
occur in the transmit cycle. To load data to the DAC, P3.3 is left
low after the first eight bits are transmitted, and a second write
cycle is initiated to transmit the second byte of data. P3.3 is taken
high following the completion of this cycle. The 80C51/80L51
output the serial data LSB first; however, the AD5660 requires
its data with the MSB as the first bit received. The 80C51/80L51
transmit routine should take this into account.
80C51/80L511
AD56601
P3.3
TxD
RxD
SYNC
SCLK
DIN
1 ADDITIONAL PINS OMITTED FOR CLARITY
Figure 47. AD5660-to-80C51/80L51 Interface
AD5660-to-MICROWIRE Interface
Figure 48 shows an interface between the AD5660 and any
MICROWIRE-compatible device. Serial data is shifted out on
the falling edge of the serial clock and is clocked into the
AD5660 on the rising edge of the SK.
MICROWIRE1
AD56601
CS
SK
SO
SYNC
SCLK
DIN
1 ADDITIONAL PINS OMITTED FOR CLARITY
Figure 48. AD5660-to-MICROWIRE Interface


Número de pieza similar - AD5640BRJ-1REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5640 AD-AD5640 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results

Descripción similar - AD5640BRJ-1REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com