Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG918BRM-REEL Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADG918BRM-REEL
Descripción Electrónicos  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG918BRM-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG918BRM-REEL Datasheet HTML 1Page - Analog Devices ADG918BRM-REEL Datasheet HTML 2Page - Analog Devices ADG918BRM-REEL Datasheet HTML 3Page - Analog Devices ADG918BRM-REEL Datasheet HTML 4Page - Analog Devices ADG918BRM-REEL Datasheet HTML 5Page - Analog Devices ADG918BRM-REEL Datasheet HTML 6Page - Analog Devices ADG918BRM-REEL Datasheet HTML 7Page - Analog Devices ADG918BRM-REEL Datasheet HTML 8Page - Analog Devices ADG918BRM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wideband 4 GHz, 43 dB Isolation at 1 GHz,
CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
ADG918/ADG919
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Wideband switch: −3 dB @ 4 GHz
Absorptive/reflective switches
High off isolation (43 dB @ 1 GHz)
Low insertion loss (0.8 dB @1 GHz)
Single 1.65 V to 2.75 V power supply
CMOS/LVTTL control logic
8-lead MSOP and tiny 3 mm × 3 mm LFCSP packages
Low power consumption (<1 μA)
APPLICATIONS
Wireless communications
General-purpose RF switching
Dual-band applications
High speed filter selection
Digital transceiver front end switch
IF switching
Tuner modules
Antenna diversity switching
FUNCTIONAL BLOCK DIAGRAMS
RF2
RF1
CTRL
ADG918
RFC
50Ω
50Ω
ADG919
RF2
RF1
CTRL
RFC
Figure 1.
GENERAL DESCRIPTION
The ADG918/ADG919 are wideband switches using a CMOS
process to provide high isolation and low insertion loss to
1 GHz. The ADG918 is an absorptive (matched) switch having
50 Ω terminated shunt legs, whereas the ADG919 is a reflective
switch. These devices are designed such that the isolation is
high over the dc to 1 GHz frequency range. They have on-board
CMOS control logic, thus eliminating the need for external
controlling circuitry. The control inputs are both CMOS and
LVTTL compatible. The low power consumption of these
CMOS devices makes them ideally suited to wireless and
general-purpose high frequency switching applications.
PRODUCT HIGHLIGHTS
1.
–43 dB off isolation @ 1 GHz.
2.
0.8 dB insertion loss @ 1 GHz.
3.
Tiny 8-lead MSOP/LFCSP packages.
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
–100
–90
–70
–60
–50
–40
–30
–80
–20
–10
0
S21
VDD = 2.5V
TA = 25°C
S12
Figure 2. Off Isolation vs. Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
–3.2
–2.8
–2.6
–2.4
–2.2
–1.8
–1.6
–1.4
–1.2
–1.0
–2.0
–3.0
–0.8
–0.6
–0.4
VDD = 2.5V
TA = 25°C
Figure 3. Insertion Loss vs. Frequency


Número de pieza similar - ADG918BRM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG918BRM-REEL7 AD-ADG918BRM-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Descripción similar - ADG918BRM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com