Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3611J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC3611J
Descripción Electrónicos  QUAD SCHOTTKY DIODE ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3611J Datasheet(HTML) 5 Page - Texas Instruments

  UC3611J Datasheet HTML 1Page - Texas Instruments UC3611J Datasheet HTML 2Page - Texas Instruments UC3611J Datasheet HTML 3Page - Texas Instruments UC3611J Datasheet HTML 4Page - Texas Instruments UC3611J Datasheet HTML 5Page - Texas Instruments UC3611J Datasheet HTML 6Page - Texas Instruments UC3611J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
5962-90538012A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Call TI
5962-9053801PA
ACTIVE
CDIP
JG
8
1
TBD
Call TI
Call TI
5962-9053801V2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
5962-9053801VPA
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC1611J
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC1611J883B
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC1611L883B
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
UC3611DW
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3611DWG4
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3611J
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC3611N
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3611NG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3611Q
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
UC3611QTR
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Número de pieza similar - UC3611J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3611J TI1-UC3611J Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC3611J TI1-UC3611J Datasheet
176Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
More results

Descripción similar - UC3611J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1611 TI-UC1611 Datasheet
158Kb / 4P
[Old version datasheet]   Quad Schottky Diode Array
UA1611 TI1-UA1611 Datasheet
176Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC1611L TI1-UC1611L Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
logo
Shanghai Leiditech Elec...
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
   Quad TVS Diode Array
CESD5V0K5 LEIDITECH-CESD5V0K5 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
PESDLC363T5VU LEIDITECH-PESDLC363T5VU Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
logo
Central Semiconductor C...
CMEDA-6I CENTRAL-CMEDA-6I_15 Datasheet
531Kb / 2P
   QUAD SWITCHING DIODE ARRAY
logo
Shanghai Leiditech Elec...
CPDV6-5V0U-HF LEIDITECH-CPDV6-5V0U-HF Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
TPD5E003DPFR LEIDITECH-TPD5E003DPFR Datasheet
342Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com