Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5929BRNG Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 1N5929BRNG
Descripción Electrónicos  3 W DO-41 Surmetic 30 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5929BRNG Datasheet(HTML) 4 Page - ON Semiconductor

  1N5929BRNG Datasheet HTML 1Page - ON Semiconductor 1N5929BRNG Datasheet HTML 2Page - ON Semiconductor 1N5929BRNG Datasheet HTML 3Page - ON Semiconductor 1N5929BRNG Datasheet HTML 4Page - ON Semiconductor 1N5929BRNG Datasheet HTML 5Page - ON Semiconductor 1N5929BRNG Datasheet HTML 6Page - ON Semiconductor 1N5929BRNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N59xxBRNG Series
http://onsemi.com
4
10
20
30
50
100
200
300
500
1K
0.1
0.2 0.3 0.5
1
2
3
5
10
20 30 50
100
PW, PULSE WIDTH (ms)
1
2
5
10
20
50
100
200
400
1000
0.0003
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
3
TA = 125°C
TA = 125°C
NOMINAL VZ (VOLTS)
Figure 2. Typical Thermal Response L, Lead Length = 3/8 Inch
Figure 3. Maximum Surge Power
Figure 4. Typical Reverse Leakage
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25°C PRIOR
TO INITIAL PULSE
0.5
0.01
0.0000001
DUTY CYCLE, D = t1/t2
SINGLE PULSE D TJL = qJL(t)PPK
REPETITIVE PULSES D TJL = qJL(t,D)PPK
qJL(t,D) = D * qJL (∞)+(1−D) * qJL(t)
[where qJL(t) is D = 0 curve]
PPK
t1
t2
t, TIME (SECONDS)
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
0.1
1
10
100
D = 0
0.2
0.1
0.05
0.02
0.01


Número de pieza similar - 1N5929BRNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com