Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37A19FVM Datasheet(PDF) 6 Page - Rohm

No. de pieza BD37A19FVM
Descripción Electrónicos  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM Datasheet(HTML) 6 Page - Rohm

Back Button BD37A19FVM Datasheet HTML 2Page - Rohm BD37A19FVM Datasheet HTML 3Page - Rohm BD37A19FVM Datasheet HTML 4Page - Rohm BD37A19FVM Datasheet HTML 5Page - Rohm BD37A19FVM Datasheet HTML 6Page - Rohm BD37A19FVM Datasheet HTML 7Page - Rohm BD37A19FVM Datasheet HTML 8Page - Rohm BD37A19FVM Datasheet HTML 9Page - Rohm BD37A19FVM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
0
0.5
1
1.5
2
024
68
10
RESET VOLTAGE: VRESET [V]
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
CT PIN CAPACITY: CT [µF]
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
CTW PIN CAPACITY: CTW [V]
3.5
3.75
4
4.25
4.5
4.75
5
-40
0
40
80
AMBIENT TEMPERATURE: Ta [℃]
●Typical Performance Curves – continued
(Unless otherwise specified, Ta = 25℃) : 4.1V Detection
Figure 8. T RESET Transmission
Delay Time vs Capacitance
Figure 9. WDT Time vs Capacitance
Figure 10. Detection Voltage vs Temperature
Figure 7. Output Current
Ta=25℃
Ta=-40℃
Ta=105℃
Moniter Time
Reset Time
L→H
H→L


Número de pieza similar - BD37A19FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
More results

Descripción similar - BD37A19FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com