Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF10U120S Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FFPF10U120S
Descripción Electrónicos  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10U120S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFPF10U120S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10U120S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10U120S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10U120S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
50
01
234
56
T
C
= 25
o
C
T
C
= 100
o
C
Forward Voltage , V
F [V]
0.1
1
10
100
25
50
75
100
125
150
175
200
Typical Capacitance
at 0V = 164 pF
Reverse Voltage , V
R [V]
100
500
0
2
4
6
8
10
12
14
16
T
C
= 100
o
C
T
C
= 25
0
C
V
R
= 200V
I
F
= 10A
di/dt [A/
µs]
0
200
400
600
800
1000
1200
0.001
0.01
0.1
1
10
100
1000
T
C = 100
o
C
T
C
= 25
o
C
Reverse Voltage , V
R [V]
100
500
40
60
80
100
120
140
T
C = 100
o
C
T
C
= 25
o
C
V
R
= 200V
I
F
= 10A
di/dt [A/
µs]
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
Case Temperature , T
C [
o
C]


Número de pieza similar - FFPF10U120S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFPF10U120STU FAIRCHILD-FFPF10U120STU Datasheet
81Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Descripción similar - FFPF10U120S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com