Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-Z14U4T Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-Z14U4T
Descripción Electrónicos  High brightness 20/50mA guaranteed specifications PLCC2 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14U4T Datasheet(HTML) 2 Page - Rohm

  SML-Z14U4T Datasheet HTML 1Page - Rohm SML-Z14U4T Datasheet HTML 2Page - Rohm SML-Z14U4T Datasheet HTML 3Page - Rohm SML-Z14U4T Datasheet HTML 4Page - Rohm SML-Z14U4T Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics Curves
SML-Z1 Series
Forward Current-Forward Voltage
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
100
2.4
2.2
2.0
1.8
1.6
1.4
10
FORWARD VOLTAGE
:V
F
(V)
Ta=25°C
100
2.4
2.2
2.0
1.8
1.6
1.4
10
FORWARD VOLTAGE
:V
F
(V)
Ta=25°C
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
ATMOSPHERE TEMPERATURE:Ta (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
0
-20
-40
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
0
-20
-40
IF=50mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
0
1.0
2.0
3.0
4.0
70
60
50
40
30
20
10
0
Ta=25°C
FORWARD CURRENT
:I
F
(mA)
0
1.0
1.5
0.5
70
60
50
40
30
20
10
0
Ta=25°C
AMBIENT TEMPERATURE
:Ta (°C)
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
-20
-40
AMBIENT TEMPERATURE
:Ta (°C)
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
-20
-40
AMBIENT TEMPERATURE
:Ta (°C)
40
30
20
10
-40
-20
0
20
40
60
80
120
100
0
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
100
10
1
FORWARD VOLTAGE
:V
F
(V)
2.5
3.0
3.5
4.0
Ta=25°C
SMLZ14EGT(A)
SMLZ14BGT(A)
SMLZ14WBGAW(A)
SMLZ14WBGBW(A)
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
SMLZ14EGT(A)
SMLZ14BGT(A)
SMLZ14WBGAW(A)
SMLZ14WBGBW(A)
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
SMLZ14EGT(A)
SMLZ14BGT(A)
SMLZ14WBGAW(A)
SMLZ14WBGBW(A)
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
SMLZ14EGT(A)
SMLZ14BGT(A)
SMLZ14WBGAW(A)
SMLZ14WBGBW(A)
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
1.5
0
0.5
1.0
FORWARD CURRENT:IF (mA)
0
5
10
15
30
25
20
Ta=25°C
2/4
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.B


Número de pieza similar - SML-Z14U4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-Z14U4T ROHM-SML-Z14U4T Datasheet
1Mb / 5P
   High brightness
SML-Z14U4T ROHM-SML-Z14U4T Datasheet
1Mb / 5P
   High brightness
SML-Z14U4T ROHM-SML-Z14U4T Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com