Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLZ14BGT Datasheet(PDF) 4 Page - Rohm

No. de pieza SMLZ14BGT
Descripción Electrónicos  High brightness 20/50mA guaranteed specifications PLCC2 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SMLZ14BGT Datasheet(HTML) 4 Page - Rohm

  SMLZ14BGT Datasheet HTML 1Page - Rohm SMLZ14BGT Datasheet HTML 2Page - Rohm SMLZ14BGT Datasheet HTML 3Page - Rohm SMLZ14BGT Datasheet HTML 4Page - Rohm SMLZ14BGT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SML-Z1 Series
Part No. Construction
S M L
Z 1 4 Y 4 T
P
T 8 6
Dice classification code
Rank sign (Chromaticity Rank)∗
(for white LED and pastel color)
Series name
Package name
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
D
Y
F
P
B
WB
Red:630nm
Red:620nm
Orange:605nm
Yellow:590(589)nm
M Yellowish-Green:572(571)nm
Green:565(564)nm
Green:561(560)nm
E Bluish-Green:528nm
Blue:470nm
White
PB Pure green
CB Ice blue
GB Blue green
SB Sapphire blue
“−” will be taken out for emitting color
W/B/E series and pastel color.
3 High Brightness Type
4
8
Ultra High Brightness Type
T Transparent Colorless
W MilkyWhite
T86
T87
1
Cathode at sprocket hole side
For white LED and pastel color
cathode at sprocket hole side
Anode at sprochet hole side
Concerning the rank sign.
• Please refer to the rank chart above for luminous intensity classification.
• Please refer to specification sheet for color classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
4/4
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.B


Número de pieza similar - SMLZ14BGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLZ14BGTA ROHM-SMLZ14BGTA Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com