Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLF10145T-5R6M3R2-PF Datasheet(PDF) 6 Page - TDK Electronics |
|
SLF10145T-5R6M3R2-PF Datasheet(HTML) 6 Page - TDK Electronics |
6 / 49 page (5/48) INDUC T O RS 001-01 / 20130516 / e531_slf.fm • All specifications are subject to change without notice. SLF series SLF6025 Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE Rated current: smaller value of either Idc1 or Idc2. Idc1: When based on the inductance change rate (30% below the nominal value) Idc2: When based on the temperature increase (Temperature increase of 25°C by self heating) ○ Measurement equipment * Equivalent measurement equipment may be used. L L measuring frequency (kHz) DC resistance ( )±20% Rated current(A) Part No. max. (µH) Tolerance Idc1 Idc2 4.7 ±20% 100 0.0306 1.5 1.8 SLF6025T-4R7M1R5-PF 6.8 ±20% 100 0.0442 1.3 1.5 SLF6025T-6R8M1R3-PF 10 ±20% 100 0.0573 1 1.3 SLF6025T-100M1R0-PF 15 ±20% 100 0.085 0.88 1.1 SLF6025T-150MR88-PF 22 ±20% 100 0.122 0.73 0.94 SLF6025T-220MR73-PF 33 ±20% 100 0.18 0.59 0.79 SLF6025T-330MR59-PF 47 ±20% 100 0.24 0.48 0.67 SLF6025T-470MR48-PF 68 ±20% 100 0.37 0.42 0.54 SLF6025T-680MR42-PF 100 ±20% 100 0.5 0.33 0.47 SLF6025T-101MR33-PF Measurement item Product No. Manufacturer L 4194A Agilent Technologies DC resistance VP-2941A Panasonic Rated current Idc1 4284A+42841A+42842C Agilent Technologies |
Número de pieza similar - SLF10145T-5R6M3R2-PF |
|
Descripción similar - SLF10145T-5R6M3R2-PF |