Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FGH20N6S2 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FGH20N6S2
Descripción Electrónicos  600V, SMPS II Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH20N6S2 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGH20N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGH20N6S2 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A2
Figure 13. Transfer Characteristic
Figure 14. Gate Charge
Figure 15. Total Switching Loss vs Case
Temperature
Figure 16. Total Switching Loss vs Gate
Resistance
Figure 17. Capacitance vs Collector to Emitter
Voltage
Figure 18. Collector to Emitter On-State Voltage vs
Gate to Emitter Voltage
Typical Performance Curves (Continued)
0
20
40
VGE, GATE TO EMITTER VOLTAGE (V)
60
120
TJ = 125
oC
TJ = -55
oC
100
80
TJ = 25
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
6
8
10
12
14
16
4
QG, GATE CHARGE (nC)
IG(REF) = 1mA, RL = 42.6Ω, TJ = 25
oC
VCE = 200V
VCE = 600V
VCE = 400V
5
101520
25
35
030
6
4
8
0
16
12
10
14
2
TC, CASE TEMPERATURE (
oC)
RG = 25Ω, L = 500µH, VCE = 390V, VGE = 15V
ICE = 14A
ETOTAL = EON2 + EOFF
ICE = 7A
ICE = 3A
0.2
0
0.8
0.6
0.4
50
25
75
100
125
150
RG, GATE RESISTANCE (Ω)
ETOTAL = EON2 + EOFF
TJ = 125
oC, L = 500
µH, V
CE = 390V, VGE = 15V
0.1
0.05
10
1
ICE = 14A
1
10
100
1000
ICE = 7A
ICE = 3A
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
CRES
0
10
203040
50
0.0
0.4
1.2
0.8
FREQUENCY = 1MHz
COES
CIES
60
70
80
90
100
0.2
0.6
1.0
VGE, GATE TO EMITTER VOLTAGE (V)
6
2.0
9
2.2
2.6
2.4
810
11
12
16
2.8
PULSE DURATION = 250
µs, T
J = 25
oC
3.6
713
14
15
DUTY CYCLE < 0.5%
ICE = 14A
5
ICE = 3A
ICE = 7A
3.0
3.2
3.4


Número de pieza similar - FGH20N6S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

Descripción similar - FGH20N6S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com