Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145028DW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MC145028DW
Descripción Electrónicos   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145028DW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC145028DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
6
SWITCHING CHARACTERISTICS — MC145026*, MC145027, and MC145028 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4,8
5.0
10
15
200
100
80
ns
tr
Din Rise Time — Decoders
5
5.0
10
15
15
15
15
µs
tf
Din Fall Time — Decoders
5
5.0
10
15
15
5.0
4.0
µs
fosc
Encoder Clock Frequency
6
5.0
10
15
0.001
0.001
0.001
2.0
5.0
10
MHz
f
Decoder Frequency — Referenced to Encoder Clock
12
5.0
10
15
1.0
1.0
1.0
240
410
450
kHz
tw
TE Pulse Width — Encoders
7
5.0
10
15
65
30
20
ns
* Also see next Switching Characteristics table for 2.5 V specifications.
SWITCHING CHARACTERISTICS — MC145026 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4, 8
2.5
450
ns
fosc
Encoder Clock Frequency
6
2.5
1.0
250
kHz
tw
TE Pulse Width
7
2.5
1.5
µs
SWITCHING CHARACTERISTICS — SC41343 and SC41344 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4, 8
2.8
5.0
10
320
200
100
ns
tr
Din Rise Time
5
2.8
5.0
10
15
15
15
µs
tf
Din Fall Time
5
2.8
5.0
10
15
15
5.0
µs
f
Decoder Frequency — Referenced to Encoder Clock
12
2.8
5.0
10
1.0
1.0
1.0
100
240
410
kHz


Número de pieza similar - MC145028DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC145028DW LANSDALE-MC145028DW Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145028DW FREESCALE-MC145028DW Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com