Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FMBZ5241BLT1 Datasheet(PDF) 1 Page - First Components International |
|
FMBZ5241BLT1 Datasheet(HTML) 1 Page - First Components International |
1 / 3 page Surface Mount Zener Diodes *225mw Power Dissipation *Ideal for Surface Mountted Application *Case : SOT-23 Molded plastic Mechanical Data: Features: SMALL SIGNAL 225m WATTS *Zener Breakdown Voltage Range *Terminals: Solderable per MIL-STD-202, *Polarity: Cathode Indicated by Polarity Band *Marking: Marking Code (See Table on Page 3) *Weigh: 0.008grams(approx) Method 208 2.4V to 91V Maximum Ratings and Electrical Characteristics Characteristics Symbol Unit Total Power Dissipation on FR-5 Board @T =25 C Thermal Resistance Junction to Ambient Air Forward Voltage @ IF=10mA Junction and Storage Temperature Range V C/W NOTES:1.FR-5=1.0*0.75*0.62in C R JA (1) (1) PD VF Tj,TSTG Value 225 556 0.9 -65 to+150 mW (TA=25 C Unless Otherwise Noted) A ELECTRICAL CHARACTERISTICS (P inout: 1-Anode, 2-No C onnection, 3-C athode) (TA = 25 C unless otherwise noted, V F = 0.9V Max. @ I F = 10 mA) Symbol Parameter VZ R everse Zener Voltage @ IZT IZT R everse C urrent ZZT Maximum Zener Impedance @ IZT IR R everse Leakage C urrent @ VR VR R everse Voltage IF F orward C urrent VF F orward Voltage @ IF Z I ZK ZK R everse C urrent Maximum Zener Impedance@ I ZK Zener Voltage Regulator IF V I IR IZT VR VZ V F 3 Cathode Anode 1 Data Sheet ANODE De s c ription CATHODE 2 1 3 Me c ha nic a l Dim e ns ions . 110 . 060 . 037 . 037 . 115 . 016 . 043 . 004 . 016 2 1 3 |
Número de pieza similar - FMBZ5241BLT1 |
|
Descripción similar - FMBZ5241BLT1 |