Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMBZ5262BLT1 Datasheet(PDF) 2 Page - First Components International

No. de pieza FMBZ5262BLT1
Descripción Electrónicos  Surface Mount Zener Diodes 225m WATTS SMALL SIGNAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBZ5262BLT1 Datasheet(HTML) 2 Page - First Components International

  FMBZ5262BLT1 Datasheet HTML 1Page - First Components International FMBZ5262BLT1 Datasheet HTML 2Page - First Components International FMBZ5262BLT1 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E L E C T R IC A L C HA R A C T E R IS T IC S
(P inout: 1-Anode, 2-NC , 3-C athode) (V F = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note)
Zener Impedance
L eakage C urrent
Device
V Z (Volts )
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
mA
uA
Volts
FMB Z5221B LT 1
18A
2.28
2.4
2.52
20
30
1200
0.25
100
1
FMB Z5222B LT 1
18B
2.37
2.5
2.63
20
30
1250
0.25
100
1
FMB Z5223B LT 1
18C
2.56
2.7
2.84
20
30
1300
0.25
75
1
FMB Z5224B LT 1
18D
2.66
2.8
2.94
20
30
1400
0.25
75
1
FMB Z5225B LT 1
18E
2.85
3
3.15
20
29
1600
0.25
50
1
FMB Z5226B LT 1
8A
3.13
3.3
3.47
20
28
1600
0.25
25
1
FMB Z5227B LT 1
8B
3.42
3.6
3.78
20
24
1700
0.25
15
1
FMB Z5228B LT 1
8C
3.70
3.9
4.10
20
23
1900
0.25
10
1
FMB Z5229B LT 1
8D
4.08
4.3
4.52
20
22
2000
0.25
5
1
FMB Z5230B LT 1
8E
4.46
4.7
4.94
20
19
1900
0.25
5
2
FMBZ5231BLT1
8F
4.84
5.1
5.36
20
17
1600
0.25
5
2
FMBZ5232BLT1
8G
5.32
5.6
5.88
20
11
1600
0.25
5
3
FMB Z5233B LT 1*
8H
5.70
6
6.30
20
7
1600
0.25
5
3.5
F MBZ5234BLT1
8J
5.89
6.2
6.51
20
7
1000
0.25
5
4
F MBZ5235BLT1
8K
6.46
6.8
7.14
20
5
750
0.25
3
5
FMB Z5236B LT 1
8L
7.12
7.5
7.88
20
6
500
0.25
3
6
FMB Z5237B LT 1
8M
7.79
8.2
8.61
20
8
500
0.25
3
6.5
FMB Z5238B LT 1
8N
8.26
8.7
9.14
20
8
600
0.25
3
6.5
FMB Z5239B LT 1
8P
8.64
9.1
9.56
20
10
600
0.25
3
7
FMBZ5240BLT1
8Q
9.50
10
10.50
20
17
600
0.25
3
8
FMB Z5241B LT 1
8R
10.4
11
11.55
20
22
600
0.25
2
8.4
F MBZ5242BLT1
8S
11.40
12
12.60
20
30
600
0.25
1
9.1
FMB Z5243B LT 1
8T
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
FMB Z5244B LT 1
8U
13.30
14
14.70
9
15
600
0.25
0.1
10
F MBZ5245BLT1
8V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
FMB Z5246B LT 1*
8W
15.20
16
16.80
7.8
17
600
0.25
0.1
12
FMB Z5247B LT 1
8X
16.15
17
17.85
7.4
19
600
0.25
0.1
13
F MBZ5248BLT1
8Y
17.10
18
18.90
7
21
600
0.25
0.1
14
FMB Z5249B LT 1
8Z
18.05
19
19.95
6.6
23
600
0.25
0.1
14
F MBZ5250BLT1
81A
19.00
20
21.00
6.2
25
600
0.25
0.1
15
FMB Z5251B LT 1*
81B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
FMB Z5252B LT 1*
81C
22.80
24
25.20
5.2
33
600
0.25
0.1
18
FMB Z5253B LT 1
81D
23.75
25
26.25
5
35
600
0.25
0.1
19
F MBZ5254BLT1
81E
25.65
27
28.35
4.6
41
600
0.25
0.1
21
FMB Z5255B LT 1
81F
26.60
28
29.40
4.5
44
600
0.25
0.1
21
FMB Z5256B LT 1
81G
28.50
30
31.50
4.2
49
600
0.25
0.1
23
F MBZ5257BLT1
81H
31.35
33
34.65
3.8
58
700
0.25
0.1
25
FMB Z5258B LT 1
81J
34.20
36
37.80
3.4
70
700
0.25
0.1
27
FMB Z5259B LT 1
81K
37.05
39
40.95
3.2
80
800
0.25
0.1
30
FMB Z5260B LT 1
81L
40.85
43
45.15
3
93
900
0.25
0.1
33
FMB Z5261B LT 1
81M
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
FMB Z5262B LT 1
81N
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
FMB Z5263B LT 1
81P
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
FMB Z5264B LT 1
81Q
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
FMB Z5265B LT 1
81R
58.90
62
65.10
2
185
1400
0.25
0.1
47
FMB Z5266B LT 1
81S
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
FMB Z5267B LT 1
81T
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
FMB Z5268B LT 1
81U
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
FMB Z5269B LT 1
81V
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
FMB Z5270B LT 1
81W
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
NOT E . Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C
Surface Mount Zener Diodes
SMALL SIGNAL
225m WATTS
Data Sheet


Número de pieza similar - FMBZ5262BLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
FMBZ5223B FCI-FMBZ5223B Datasheet
287Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - FMBZ5262BLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
   Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
   Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
   Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
   Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com