Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1025 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FIN1025
Descripción Electrónicos  3.3V LVDS 2-Bit High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1025 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1025 Datasheet HTML 1Page - Fairchild Semiconductor FIN1025 Datasheet HTML 2Page - Fairchild Semiconductor FIN1025 Datasheet HTML 3Page - Fairchild Semiconductor FIN1025 Datasheet HTML 4Page - Fairchild Semiconductor FIN1025 Datasheet HTML 5Page - Fairchild Semiconductor FIN1025 Datasheet HTML 6Page - Fairchild Semiconductor FIN1025 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVTTL DC Input Voltage (VIN)
−0.5V to +6V
LVDS DC Output Voltage (VOUT)
−0.5V to 4.6V
Driver Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
260
°C
(Soldering, 10 seconds)
ESD (Human Body Model)
10,000V
ESD (Machine Model)
600V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VOD
Output Differential Voltage
250
340
450
mV
∆V
OD
VOD Magnitude Change from
1.4
25
mV
Differential LOW-to-HIGH
RL = 100Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 1
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
1.2
25
mV
Differential LOW-to-HIGH
VOH
HIGH Output Voltage
VIN = VCC, RL = 100Ω
1.4
1.6
V
VOL
LOW Output Voltage
VIN = 0V, RL = 100Ω
0.9
1.05
V
IOFF
Power Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
−20
20
µA
IOS
Short Circuit Output Current
VOUT = 0V, Driver Enabled
−3
−6
mA
VOD = 0V, Driver Enabled
−3.5
−6
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
−20
20
µA
IOZ
Disabled Output Leakage Current
VOUT = 0V or 3.6V
−20
20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
−20
20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
−0.8
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC, Driver Enabled
5
8
mA
RL = 100 Ω, Driver Disabled
1.7
4
RL = 100 Ω, VIN = 0V or VCC, Driver Enabled
9
16


Número de pieza similar - FIN1025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022M FAIRCHILD-FIN1022M Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022MTC FAIRCHILD-FIN1022MTC Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
More results

Descripción similar - FIN1025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com