Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1027K8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FIN1027K8X
Descripción Electrónicos  3.3V LVDS 2-Bit High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1027K8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN1027K8X Datasheet HTML 1Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 2Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 3Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 4Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 5Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 6Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 7Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 8Page - Fairchild Semiconductor FIN1027K8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
FIGURE 1. Differential Driver DC Test Circuit
Note A: All input pulses have frequency
= 10 MHz, t
R or tF = 2 ns
Note B: CL includes all probe and fixture capacitances
FIGURE 2. Differential Driver Propagation Delay and
Transition Time Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.5
1.5
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.5
1.5
ns
HIGH-to-LOW
tTLHD
Differential Output Rise Time (20% to 80%) RL = 100 Ω, CL = 10pF,
0.4
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
See Figure 2 and Figure 3
0.4
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.5
ns
tSK(LH),
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns


Número de pieza similar - FIN1027K8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1027K8X FAIRCHILD-FIN1027K8X Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

Descripción similar - FIN1027K8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com