Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1032 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FIN1032
Descripción Electrónicos  3.3V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1032 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FIN1032 Datasheet HTML 1Page - Fairchild Semiconductor FIN1032 Datasheet HTML 2Page - Fairchild Semiconductor FIN1032 Datasheet HTML 3Page - Fairchild Semiconductor FIN1032 Datasheet HTML 4Page - Fairchild Semiconductor FIN1032 Datasheet HTML 5Page - Fairchild Semiconductor FIN1032 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Número de pieza similar - FIN1032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1032M ONSEMI-FIN1032M Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1032MTC ONSEMI-FIN1032MTC Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results

Descripción similar - FIN1032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com