Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD650SD-883B Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD650SD-883B
Descripción Electrónicos  Voltage-to-Frequency and Frequency-to-Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD650SD-883B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD650SD-883B Datasheet HTML 2Page - Analog Devices AD650SD-883B Datasheet HTML 3Page - Analog Devices AD650SD-883B Datasheet HTML 4Page - Analog Devices AD650SD-883B Datasheet HTML 5Page - Analog Devices AD650SD-883B Datasheet HTML 6Page - Analog Devices AD650SD-883B Datasheet HTML 7Page - Analog Devices AD650SD-883B Datasheet HTML 8Page - Analog Devices AD650SD-883B Datasheet HTML 9Page - Analog Devices AD650SD-883B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD650
Data Sheet
Rev. E | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
+IN
2
–IN
3
BIBOLAR OFFSET
CURRENT
4
OFFSET NULL
14
OFFSET NULL
13
+VS
12
ANALOG GND
11
–VS 5
DIGITAL GND
10
ONE SHOT
CAPACITOR
6
COMPARATOR
INPUT
9
NC
7
FOUTPUT
8
NC = NO CONNECT
AD650
TOP VIEW
(Not to Scale)
Figure 2. D-14, N-14 Pin Configurations
1
20
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
NC = NO CONNECT
–IN
NC
BIPOLAR OFFSET
CURRENT
NC
–VS
+VS
NC
ANALOG GND
NC
DIGITAL GND
PIN 1
INDENTFIER
AD650
TOP VIEW
(Not to scale)
Figure 3. P-20 Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
D-14, N-14
P-20
Mnemonic
Description
1
2
VOUT
Output of Operational Amplifier. The operational amplifier, along with CINT,
is used in the integrate stage of the V to F conversion.
2
3
+IN
Positive Analog Input.
3
4
–IN
Negative Analog Input.
4
6
BIPOLAR OFFSET
CURRENT
On-Chip Current Source. This can be used in conjunction with an external
resistor to remove the operational amplifier’s offset.
5
8
–VS
Negative Power Supply Input.
6
9
ONE-SHOT
CAPACITOR
The Capacitor, COS, is Connected to This Pin. COS determines the time period
for the one shot.
7
1, 5, 7, 10, 11, 15, 17
NC
No Connect.
8
12
FOUTPUT
Frequency Output from AD650.
9
13
COMPARATOR INPUT
Input to Comparator. When the input voltage reaches −0.6 V, the one shot is
triggered.
10
14
DIGITAL GND
Digital Ground.
11
16
ANALOG GND
Analog Ground.
12
18
+VS
Positive Power Supply Input.
13, 14
19, 20
OFFSET NULL
Offset Null Pins. Using an external potentiometer, the offset of the
operational amplifier can be removed.


Número de pieza similar - AD650SD-883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD650SD AD-AD650SD Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
AD650SD AD-AD650SD Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. E
AD650SD AD-AD650SD Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
AD650SD/883B AD-AD650SD/883B Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
More results

Descripción similar - AD650SD-883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com