Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD667SE-883B Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD667SE-883B
Descripción Electrónicos  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD667SE-883B Datasheet(HTML) 7 Page - Analog Devices

  AD667SE-883B Datasheet HTML 1Page - Analog Devices AD667SE-883B Datasheet HTML 2Page - Analog Devices AD667SE-883B Datasheet HTML 3Page - Analog Devices AD667SE-883B Datasheet HTML 4Page - Analog Devices AD667SE-883B Datasheet HTML 5Page - Analog Devices AD667SE-883B Datasheet HTML 6Page - Analog Devices AD667SE-883B Datasheet HTML 7Page - Analog Devices AD667SE-883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD667
REV. A
–7–
Figure 5. AD667 Block Diagram
It is permissible to enable more than one of the latches simulta-
neously. If a first rank latch is enabled coincident with the sec-
ond rank latch, the data will reach the second rank correctly if
the “WRITE CYCLE #1” timing specifications are met.
Table II. AD667 Truth Table
CS
A3
A2
A1
A0
Operation
1
X
X
X
X
No Operation
X
1111No Operation
0
1110
Enable 4 LSBs of First Rank
0
1101
Enable 4 Middle Bits of First Rank
0
1011
Enable 4 MSBs of First Rank
0
0111
Loads Second Rank from First Rank
0
0000
All Latches Transparent
“X” = Don’t Care.
INPUT CODING
The AD667 uses positive-true binary input coding. Logic “1” is
represented by an input voltage greater than 2.0 V and Logic
“0” is defined as an input voltage less than 0.8 V.
Unipolar coding is straight binary, where all zeroes (000H) on
the data inputs yields a zero analog output and all ones (FFFH)
yields an analog output 1 LSB below full scale.
Bipolar coding is offset binary, where an input code of 000H
yields a minus full-scale output, an input of FFFH yields an out-
put 1 LSB below positive full scale, and zero occurs for an input
code with only the MSB on (800H).
The AD667 can be used with twos complement input coding if
an inverter is used on the MSB (DB11).
DIGITAL INPUT CONSIDERATIONS
The threshold of the digital input circuitry is set at 1.4 volts and
does not vary with supply voltage. The input lines can thus in-
terface with any type of 5 volt logic. The configuration of the in-
put circuit is shown in Figure 6.
Figure 6. Equivalent Digital Input Circuit
The AD667 data and control inputs will float to a Logic 0 if left
open. It is recommended that any unused inputs be connected
to power ground to improve noise immunity.
Fanout for the AD667 is 100 when used with a standard low
power Schottky gate output device.
8-BIT MICROPROCESSOR INTERFACE
The AD667 interfaces easily to 8-bit microprocessor systems of
all types. The control logic makes possible the use of right- or
left-justified data formats.
Whenever a 12-bit DAC is loaded from an 8-bit bus, two bytes
are required. If the program considers the data to be a 12-bit
binary fraction (between 0 and 4095/4096), the data is left-
justified, with the eight most significant bits in one byte and the
remaining bits in the upper half of another byte. Right-justified
data calls for the eight least significant bits to occupy one byte,
with the 4 most significant bits residing in the lower half of an-
other byte, simplifying integer arithmetic.
Figure 7. 12-Bit Data Formats for 8-Bit Systems
Figure 8 shows an addressing scheme for use with an AD667 set
up for left-justified data in an 8-bit system. The base address is
decoded from the high-order address bits and the resultant
active-low signal is applied to CS. The two LSBs of the address
bus are connected as shown to the AD667 address inputs. The
latches now reside in two consecutive locations, with location
X01 loading the four LSBs and location X10 loading the eight
MSBs and updating the output.
Figure 8. Left-Justified 8-Bit Bus Interface


Número de pieza similar - AD667SE-883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD667SE AD-AD667SE Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE AD-AD667SE Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE AD-AD667SE Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE AD-AD667SE Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Descripción similar - AD667SE-883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com